| Moteur de recherche de fiches techniques de composants électroniques |
|
2-32835-2 Fiches technique(PDF) 2 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
2-32835-2 Fiches technique(HTML) 2 Page - Tyco Electronics |
|
2 / 30 page ![]() Dimensions are shown for reference Dimensions are in inches and Specifications subject to change. Technical Support Center purposes only. millimeters unless otherwise 1-800-522-6752 specified. Values in brackets are www.amp.com metric equivalents. Standard Terminals and Splices Catalog 82042 Revised 8-00 PIDG (Pre-Insulated Diamond Grip) (Continued) 8 Ring Tongue Terminals Material Insulation — Nylon, UL 94V-2 Terminal Body and Metallic Sleeve — Copper per ASTM B-152 Plating — Tin per ASTM B-545 Related Product Data Insulation Color Code — pg. 4 Packaging Quantities — pg. 4 Performance Specifications — pgs. 4 & 5 Application Tooling — pg. 72 Wire Size Tongue Dimensions Wire Part Numbers Circular Mils Material Stud Terminal Insulation [mm2] Thickness Size W C E L Insulation Diameter Loose Tape Max. Min. Max. Max. Color Max. Piece Mounted 2 .203 .211 .632 .739 Yellow .105 54310-1† — M2 5.16 5.36 16.05 18.77 2.67 4 .203 .211 .632 .736 Yellow .105 52189† — 5.16 5.36 16.05 18.69 2.67 26-24 .029 6 .250 .243 .664 .792 Yellow .105 53073† — 238-475 0.74 M3.5 6.35 6.17 16.87 20.12 2.67 [0.12-0.24] 8 .281 .250 .671 .814 Yellow .105 54311-1† — M4 7.14 6.35 17.04 20.68 2.67 10 .312 .281 .702 .868 Yellow .105 54312-1† 54312-2† 7.92 7.14 17.83 22.05 2.67 0 .140 .121 .452 .525 Yellow .082 321013 — 3.56 3.07 11.48 13.34 2.08 .140 .121 .452 .525 Yellow .082 323912* 2-323912-1 3.56 3.07 11.48 13.34 2.08 .140 .211 .542 .615 Yellow .082 329951* — 2 3.56 5.36 13.77 15.62 2.08 M2 .165 .211 .542 .617 Yellow/Br. .082 321620* 1-321620-0 4.19 5.36 13.77 15.67 2.08 .203 .211 .542 .646 Yellow .082 323913 2-323913-1 5.16 5.36 13.77 16.41 2.08 4 .203 .211 .542 .646 Yellow .082 323914* 2-323914-1 5.16 5.36 13.77 16.41 2.08 26-22 .020 .198 .308 .643 .745 Yellow .082 321617 — 202-810 0.51 5.03 7.82 16.33 18.92 2.08 [0.10-0.41] 6 .203 .211 .542 .646 Yellow .082 323915* 2-323915-2 M3.5 5.16 5.36 13.77 16.41 2.08 .250 .281 .612 .740 Yellow .082 326875* 2-326875-1 6.35 7.14 15.54 18.80 2.08 .250 .281 .612 .740 Yellow .082 323916* 2-323916-1 8 6.35 7.14 15.54 18.80 2.08 M4 .300 .281 .612 .765 Yellow .082 52124 52124-2 7.62 7.14 15.54 19.43 2.08 .250 .281 .612 .740 Yellow .082 324075* 2-324075-1 10 6.35 7.14 15.54 18.80 2.08 .300 .281 .612 .765 Yellow .082 52124-1 — 7.62 7.14 15.54 19.43 2.08 0 .160 .125 .506 .589 Natural .100 — 2-328489-1 4.06 3.18 12.85 14.96 2.54 2 .160 .125 .506 .589 Natural .100 329636 2-329636-1 M2 4.06 3.18 12.85 14.96 2.54 .203 .250 .631 .735 Natural .100 50534 — 4 5.16 6.35 16.03 18.67 2.54 24-20 .025 .281 .250 .631 .774 Natural .100 323985 — 320-1,290 0.64 7.14 6.35 16.03 19.66 2.54 [0.16-0.65] 6 .281 .250 .631 .774 Natural .100 323986 2-323986-1 M3.5 7.14 6.35 16.03 19.66 2.54 8 .312 .281 .662 .821 Natural .100 323989 1-323989-0 M4 7.92 7.14 16.81 20.85 2.54 10 .312 .281 .662 .821 Natural .100 323990 2-323990-1 7.92 7.14 16.81 20.85 2.54 *Available in small packaging quantities. Note: “C” dimension applies from edge of metal wire barrel to center of stud hole. † Must be crimped with 22-18 or 22-16 PIDG (red) Tooling. |