Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2-320554-1 Fiches technique(PDF) 21 Page - Tyco Electronics

No de pièce 2-320554-1
Description  Standard Terminals and Splices
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

2-320554-1 Fiches technique(HTML) 21 Page - Tyco Electronics

Back Button 2-320554-1 Datasheet HTML 17Page - Tyco Electronics 2-320554-1 Datasheet HTML 18Page - Tyco Electronics 2-320554-1 Datasheet HTML 19Page - Tyco Electronics 2-320554-1 Datasheet HTML 20Page - Tyco Electronics 2-320554-1 Datasheet HTML 21Page - Tyco Electronics 2-320554-1 Datasheet HTML 22Page - Tyco Electronics 2-320554-1 Datasheet HTML 23Page - Tyco Electronics 2-320554-1 Datasheet HTML 24Page - Tyco Electronics 2-320554-1 Datasheet HTML 25Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Dimensions are shown for reference
Dimensions are in inches and
Specifications subject to change.
Technical Support Center
purposes only.
millimeters unless otherwise
1-800-522-6752
specified. Values in brackets are
www.amp.com
metric equivalents.
Standard Terminals and Splices
Catalog 82042
Revised 8-00
PIDG (Pre-Insulated Diamond Grip) (Continued)
27
Multiple Stud
Terminals
Material
Insulation — Nylon, UL 94V-2
Terminal Body — Copper per
ASTM B-152
Plating — Tin per ASTM B-545
Metallic Sleeve — Copper per
ASTM B-152
Plating — Nickel per QQ-N-290
Related Product Data
Insulation Color Code — pg. 4
Packaging Quantities — pg. 4
Performance Specifications —
pgs. 4 & 5
Application Tooling — pg. 72
Wire Size
Tongue
Dimensions
Wire
Part Numbers
Circular Mils
Material
Stud
Terminal
Insulation
[mm2]
Thickness
Size
W
C
E
L
Insulation
Diameter
Loose
Tape
Max.
Min.
Max.
Max.
Color
Max.
Piece
Mounted
22-16
.033
.325
.281
.685
.957
.125
509-3,260
6-8-10
Red
54771-1*
54771-2
[0.26-1.65]
0.84
8.26
7.14
17.40
24.31
3.18
12-10
.042
.325
.302
.893
1.165
.230
5,180-13,100
6-8-10
Yellow
54773-1*
—
[2.62-6.64]
1.07
8.26
7.67
22.68
29.59
5.84
*Available in small packaging quantities.
Note: “C” dimension applies from edge of metal wire barrel to center of stud hole.
Offset Ring Tongue
Terminals
Material
Insulation — Nylon, UL 94V-2
Terminal Body and Metallic
Sleeve — Copper per ASTM B-152
Plating — Tin per ASTM B-545
Related Product Data
Insulation Color Code — pg. 4
Packaging Quantities — pg. 4
Performance Specifications —
pgs. 4 & 5
Application Tooling — pg. 72
Tongue
Dimensions
Wire
Part Numbers
Wire Size
Material
Stud
Terminal
Insulation
Circular Mils
Thickness
Size
W
C
E
L
Insulation
Diameter
Loose
[mm2]
Max.
Min.
Max.
Max.
Color
Max.
Piece
.375
.312
.716
.906
Red
.125
323039
22-16
.033
6
9.53
7.92
18.19
23.01
3.18
509-3,260
0.84
M3.5
.375
.312
.716
.906
Red
.125
324011
[0.26-1.65]
9.53
7.92
18.19
23.01
3.18
6
.375
.312
.716
.906
Blue
.150
323817
16-14
.033
M3.5
9.53
7.92
18.19
23.01
3.81
2,050-5,180
0.84
10
.375
.312
.716
.906
Blue
.150
323818
[1.04-2.62]
9.53
7.92
18.19
23.01
3.81
Note: “C” dimension applies from edge of metal wire barrel to center of stud hole.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com