| Moteur de recherche de fiches techniques de composants électroniques |
|
HCPL-2602 Fiches technique(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
|
|||||||||||||||||||||||||||||
HCPL-2602 Fiches technique(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
2 / 16 page ![]() 2 Selection Guide Widebody Minimum CMR 8-Pin DIP (300 Mil) Small-Outline SO-8(400 Mil) Hermetic Hermetic On- Single Dual Single Dual Single Single and dV/dt VCM Current Output Channel Channel Channel Channel Channel Dual Channel (V/ µs) (V) (mA) Enable Package Package Package Package Package Packages NA NA 5 YES 6N137 HCPL-0600 HCNW137 NO HCPL-2630 HCPL-0630 5,000 50 YES HCPL-2601 HCPL-0601 HCNW2601 NO HCPL-2631 HCPL-0631 10,000 1,000 YES HCPL-2611 HCPL-0611 HCNW2611 NO HCPL-4661 HCPL-0661 1,000 50 YES HCPL-2602[1] 3,500 300 YES HCPL-2612[1] 1,000 50 3 YES HCPL-261A HCPL-061A NO HCPL-263A HCPL-063A 1,000[2] 1,000 YES HCPL-261N HCPL-061N NO HCPL-263N HCPL-063N 1,000 50 12.5 [3] HCPL-193X HCPL-56XX HCPL-66XX Notes: 1. HCPL-2602/2612 devices include input current regulator. 2. 15 kV/ µs with V CM = 1 kV can be achieved using Avago application circuit. 3. Enable is available for single channel products only, except for HCPL-193X devices. Input The HCPL-2602/12 are useful as line receivers in high noise environments that conventional line receivers cannot tolerate. The higher LED threshold voltage provides improved immunity to differential noise and the internally shielded detector provides orders of magnitude improvement in common mode rejection with little or no sacrifice in speed. |