Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

52124 Fiches technique(PDF) 13 Page - Tyco Electronics

No de pièce 52124
Description  Standard Terminals and Splices
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

52124 Fiches technique(HTML) 13 Page - Tyco Electronics

Back Button 52124 Datasheet HTML 9Page - Tyco Electronics 52124 Datasheet HTML 10Page - Tyco Electronics 52124 Datasheet HTML 11Page - Tyco Electronics 52124 Datasheet HTML 12Page - Tyco Electronics 52124 Datasheet HTML 13Page - Tyco Electronics 52124 Datasheet HTML 14Page - Tyco Electronics 52124 Datasheet HTML 15Page - Tyco Electronics 52124 Datasheet HTML 16Page - Tyco Electronics 52124 Datasheet HTML 17Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
Dimensions are shown for reference
Dimensions are in inches and
Specifications subject to change.
Technical Support Center
purposes only.
millimeters unless otherwise
1-800-522-6752
specified. Values in brackets are
www.amp.com
metric equivalents.
Standard Terminals and Splices
Catalog 82042
Revised 8-00
PIDG (Pre-Insulated Diamond Grip) (Continued)
19
Rectangular Tongue
Terminals
Material
Insulation — Nylon except where noted.
Terminal Body and Metallic
Sleeve — Copper per ASTM B-152
except where noted.
Plating — Tin per ASTM B-545
Related Product Data
Insulation Color Code — pg. 4
Packaging Quantities — pg. 4
Performance Specifications —
pgs. 4 & 5
Application Tooling — pg. 72
Wire Size
Tongue
Dimensions
Wire
Part Numbers
Circular Mils
Material
Stud
Terminal
Insulation
[mm2]
Thickness
Size
W
C
E
L
X
Insulation
Diameter
Loose
Tape
Max.
Min.
Max.
Max.
Color
Max.
Piece
Mounted
26-22
2
.182
.211
.542
.647
.100
Yellow
.082
3212062
—
202-810
.020
M2
4.62
5.36
13.77
16.43
2.54
2.08
0.51
6
.277
.308
.643
.783
.130
Yellow
.082
330250
—
[0.10-0.41]
M3.5
7.04
7.82
16.33
19.89
3.30
2.08
2
.182
.203
.607
.727
.115
Red
.125
325148
—
M2
4.62
5.16
15.42
18.47
2.92
3.18
.237
.237
.643
.796
.143
Red
.140
2-327968-1
—
4
6.02
6.02
16.33
20.22
3.63
3.56
.237
.404
.810
1.015
.195
Red
.140
327962
—
6.02
10.26
20.57
25.78
4.95
3.56
.250
.187
.591
.736
.140
Red
.140
55777-1
—
5
6.35
4.75
15.01
18.69
3.56
3.56
M3
.277
.277
.702
.855
.143
Red
.140
2-327950-1
—
7.04
7.04
17.83
21.72
3.63
3.56
22-16
.237
.404
.810
1.015
.195
Red
.140
2-327956-1
—
509-3,260
.033
6.02
10.26
20.57
25.78
4.95
3.56
0.84
.250
.312
.716
.846
.125
Red
.125
320629
2-320629-1
[0.26-1.65]
6
6.35
7.92
18.19
21.49
3.18
3.18
M3.5
.250
.312
.716
.846
.125
Red
.140
33476*
2-33476-1
6.35
7.92
18.19
21.49
3.18
3.56
.302
.465
.872
1.109
.227
Red
.140
2-327938-1 2-327938-2
7.67
11.81
22.15
28.17
5.77
3.56
.302
.465
.872
1.109
.227
Red
.140
327944*
2-327944-2
8
7.67
11.81
22.15
28.17
5.77
3.56
M4
.390
.621
1.039
1.359
.310
Red
.140
327932
—
9.91
15.77
26.39
34.52
7.87
3.56
10
.312
.281
.685
.893
.203
Red
.140
320209*
—
7.92
7.14
17.40
22.68
5.16
3.56
.237
.237
.643
.796
.143
Blue
.150
2-327970-4
—
4
6.02
6.02
16.33
20.22
3.63
3.81
16-14
.237
.404
.810
1.015
.195
Blue
.150
2-327964-4
—
2,050-5,180
.033
6.02
10.26
20.57
25.78
4.95
3.81
0.84
.244
.312
.716
.856
.125
Blue
.150
—
55694-11
[1.04-2.62]
5
6.20
7.92
18.19
21.74
3.18
3.81
M3
.277
.277
.702
.855
.143
Blue
.150
2-327952-2
—
7.04
7.04
17.83
21.72
3.63
3.81
*Available in small packaging quantities.
1
Insulation—Vinyl
2
Terminal Body— Brass per MIL-C-50.
Note: “C” dimension applies from edge of metal wire barrel to center of stud hole.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30