| Moteur de recherche de fiches techniques de composants électroniques |
|
323913 Fiches technique(PDF) 3 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
323913 Fiches technique(HTML) 3 Page - Tyco Electronics |
|
3 / 30 page ![]() Dimensions are shown for reference Dimensions are in inches and Specifications subject to change. Technical Support Center purposes only. millimeters unless otherwise 1-800-522-6752 specified. Values in brackets are www.amp.com metric equivalents. Standard Terminals and Splices Catalog 82042 Revised 8-00 PIDG (Pre-Insulated Diamond Grip) (Continued) 9 Wire Size Tongue Dimensions Wire Part Numbers Circular Mils Material Stud Terminal Insulation [mm2] Thickness Size W C E L Insulation Diameter Loose Tape Max. Min. Max. Max. Color Max. Piece Mounted Ring Tongue Terminals (Continued) 1 .160 .156 .560 .643 Red .125 327174 2-327174-1 4.06 3.96 14.22 16.33 3.18 .182 .172 .576 .669 Red .125 324158 2-324158-1 4.62 4.37 14.63 16.99 3.18 2 .182 .172 .576 .669 Red .140 320773 — M2 4.62 4.37 14.63 16.99 3.56 .218 .156 .560 .672 Red .125 328657* 2-328657-1 5.54 3.96 14.22 17.07 3.18 .182 .172 .576 .669 Red/Green .125 327654* — 4.62 4.37 14.63 16.99 3.18 .182 .172 .576 .669 Red .140 320882* 2-320882-1 4.62 4.37 14.63 16.99 3.56 .218 .156 .560 .672 Red .125 320553* 2-320553-2 5.54 3.96 14.22 17.07 3.18 .218 .156 .560 .672 Red .125 362541 4 5.54 3.96 14.22 17.07 3.18 .218 .156 .560 .672 Red .140 31880* 2-31880-1 5.54 3.96 14.22 17.07 3.56 .218 .156 .560 .672 Black .140 35229 — 5.54 3.96 14.22 17.07 3.56 .250 .312 .716 .844 Red .125 323758 2-323758-1 6.35 7.92 18.19 21.44 3.18 .250 .312 .716 .844 Red .140 330648 2-330648-1 6.35 7.92 18.19 21.44 3.56 .218 .156 .560 .672 Red .125 36149* 2-36149-2 5.54 3.96 14.22 17.07 3.18 .218 .156 .560 .672 Red .140 36150* 2-36150-1 5.54 3.96 14.22 17.07 3.56 22-16 .250 .250 .654 .782 Red .125 51863* 51863-1 509-3,260 .033 6.35 6.35 16.61 19.86 3.18 [0.26-1.65] 0.84 6 .281 .250 .654 .797 Red .125 36151* 2-36151-2 M3.5 7.14 6.35 16.61 20.24 3.18 .281 .250 .654 .797 Red .140 36152* 2-36152-1 7.14 6.35 16.61 20.24 3.56 .312 .281 .685 .844 Red .125 323008 2-323008-1 7.92 7.14 17.40 21.44 3.18 .312 .281 .685 .844 Red .140 326878 2-326878-1 7.92 7.14 17.40 21.44 3.56 .281 .250 .654 .797 Red .125 320554* 2-320554-1 7.14 6.35 16.61 20.24 3.18 .281 .250 .654 .797 Red .140 31886* 2-31886-2 7.14 6.35 16.61 20.24 3.56 8 .312 .281 .685 .844 Red .125 320551* 1-320551-1 M4 7.92 7.14 17.40 21.44 3.18 .312 .281 .685 .844 Red .140 31890* 2-31890-1 7.92 7.14 17.40 21.44 3.56 .344 .297 .701 .876 Red .140 32835 2-32835-2 8.74 7.54 17.81 22.25 3.56 .281 .250 .654 .797 Red .125 320552* 2-320552-1 7.14 6.35 16.61 20.24 3.18 .281 .250 .654 .797 Red .140 31887* 2-31887-1 7.14 6.35 16.61 20.24 3.56 .312 .281 .685 .844 Red .125 36153* 2-36153-2 10 7.92 7.14 17.40 21.44 3.18 .312 .281 .685 .844 Red .140 36154* 2-36154-2 7.92 7.14 17.40 21.44 3.56 .344 .297 .701 .876 Red .125 32836* — 8.74 7.54 17.81 22.25 3.18 .344 .297 .701 .876 Red .140 32837* 32837-1 8.74 7.54 17.81 22.25 3.56 *Available in small packaging quantities. 1 Slightly larger than standard #4 stud hole. (.128 in./3.25 mm.) Note: “C” dimension applies from edge of metal wire barrel to center of stud hole. |