Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MLH006PSB01B Fiches technique(PDF) 1 Page - Honeywell Solid State Electronics Center

No de pièce MLH006PSB01B
Description  All Metal Pressure Sensors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HONEYWELL [Honeywell Solid State Electronics Center]
Site Internet  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

MLH006PSB01B Fiches technique(HTML) 1 Page - Honeywell Solid State Electronics Center

  MLH006PSB01B Datasheet HTML 1Page - Honeywell Solid State Electronics Center MLH006PSB01B Datasheet HTML 2Page - Honeywell Solid State Electronics Center MLH006PSB01B Datasheet HTML 3Page - Honeywell Solid State Electronics Center MLH006PSB01B Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DESCRIPTION
MLH Series pressure sensors combine Application Specific
Integrated Circuit (ASIC) technology with a media isolated,
metal diaphragm design. This digitally compensated sensor
offers value and performance, making it the ideal pressure
sensing solution for demanding applications. Fully temperature
compensated, calibrated and amplified, the MLH is available in
50 psi to 8,000 psi pressure ranges.
MLH sensors deliver ±0.25% full scale accuracy Best Fit
Straight Line (BFSL) and as low as 2% total error over a
temperature range of -40 °C to 125 °C [-40 °F to 257 °F].
Industry standard connectors and process ports are offered for
enhanced reliability and user flexibility.
The MLH has six standard output options:
A.
0.5 Vdc to 4.5 Vdc ratiometric from 5 Vdc excitation
B.
4 mA to 20 mA
C.
1 Vdc to 6 Vdc regulated
D.
0.25 Vdc to 10.25 Vdc regulated
E.
0.5 Vdc to 4.5 Vdc regulated
G.
1 Vdc to 5 Vdc regulated
FEATURES
All metal wetted parts for use in wide variety of fluid
applications
No internal elastomeric seals mean no o-ring compatibility
issues
Amplified outputs eliminate cost of external amplifiers
Input reverse voltage protection guards against mis-wiring
Less than 2 ms response time provides accurate, high
speed measurement
Rated IP65 or better for protection from harsh environments
POTENTIAL APPLICATIONS
Compressors
Refrigeration and HVAC/R
General industrial
General hydraulics
Multiple transportation applications including braking and
alternate fuels
Medical


Numéro de pièce similaire - MLH006PSB01B

FabricantNo de pièceFiches techniqueDescription
logo
Honeywell Solid State E...
MLH006PGB01A HONEYWELL-MLH006PGB01A Datasheet
192Kb / 4P
All Metal Pressure Sensors
MLH006PGB01A HONEYWELL-MLH006PGB01A Datasheet
192Kb / 4P
All Metal Pressure Sensors
logo
Honeywell Accelerometer...
MLH006PGB01A HONEYWELL-ACC-MLH006PGB01A Datasheet
192Kb / 4P
All Metal Pressure Sensors
MLH006PGB01A HONEYWELL-ACC-MLH006PGB01A Datasheet
192Kb / 4P
All Metal Pressure Sensors
More results

Description similaire - MLH006PSB01B

FabricantNo de pièceFiches techniqueDescription
logo
Honeywell Solid State E...
MLH100PGB01A HONEYWELL-MLH100PGB01A Datasheet
192Kb / 4P
All Metal Pressure Sensors
MLH004BGB01B HONEYWELL-MLH004BGB01B Datasheet
192Kb / 4P
All Metal Pressure Sensors
MLH300PSB01B HONEYWELL-MLH300PSB01B Datasheet
192Kb / 4P
All Metal Pressure Sensors
MLH05KPSB01A HONEYWELL-MLH05KPSB01A Datasheet
192Kb / 4P
All Metal Pressure Sensors
MLH016BSB01B HONEYWELL-MLH016BSB01B Datasheet
192Kb / 4P
All Metal Pressure Sensors
logo
Honeywell Accelerometer...
MLH02KPSP01B HONEYWELL-ACC-MLH02KPSP01B Datasheet
192Kb / 4P
All Metal Pressure Sensors
MLH03KPSB01A HONEYWELL-ACC-MLH03KPSB01A Datasheet
192Kb / 4P
All Metal Pressure Sensors
MLH05KPSB06B HONEYWELL-ACC-MLH05KPSB06B Datasheet
192Kb / 4P
All Metal Pressure Sensors
MLH100BSL03B HONEYWELL-ACC-MLH100BSL03B Datasheet
192Kb / 4P
All Metal Pressure Sensors
logo
Endress+Hauser Group Se...
TI01133P EH-TI01133P Datasheet
1Mb / 48P
Pressure transducer with ceramic and metal sensors
2021-03-31
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com