Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC312 Fiches technique(PDF) 4 Page - Analog Devices

No de pièce DAC312
Description  12-Bit High Speed Multiplying D/A Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

DAC312 Fiches technique(HTML) 4 Page - Analog Devices

  DAC312 Datasheet HTML 1Page - Analog Devices DAC312 Datasheet HTML 2Page - Analog Devices DAC312 Datasheet HTML 3Page - Analog Devices DAC312 Datasheet HTML 4Page - Analog Devices DAC312 Datasheet HTML 5Page - Analog Devices DAC312 Datasheet HTML 6Page - Analog Devices DAC312 Datasheet HTML 7Page - Analog Devices DAC312 Datasheet HTML 8Page - Analog Devices DAC312 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
DAC312
–4–
REV. C
WAFER TEST LIMITS
DAC312N
DAC312G
Parameter
Symbol
Conditions
Limit
Limit
Units
Resolution
12
12
Bits min
Monotonicity
12
12
Bits min
Nonlinearity
±0.05
±0.05
%FS max
Output Voltage
Full-Scale Current
+10
+10
V max
Compliance
Voc
Change <1/2 LSB
–5
–5
V min
Full-Scale
VREF = 10.000 V
4.031
4.063
mA max
Current
R14, R15 = 10.000 kΩ
3.967
3.935
mA min
Full-Scale Symmetry
IFSS
±1
±2
µA max
Zero-Scale Current
IZS
0.1
0.1
µA max
Differential
DNL
Deviation from
±0.012
±0.025
%FS max
Nonlinearity
Ideal Step Size
±1/2
±1
Bits (LSB) max
Logic Input Levels “0”
VIL
VLC = GND
0.8
0.8
V max
Logic Input Levels “1”
VIH
VLC = GND
2
2
V min
Logic Input Swing
VIS
+18
+18
V max
–5
–5
V min
Reference Bias
Current
I15
–2
–2
µA max
Power Supply
PSSIFS+
V+ = +13.5 V to +16.5 V, V– = –15 V
±0.001
±0.001
Sensitivity
PSSIFS–
V– = –13.5 V to –16.5 V, V+ = +15 V
±0.001
±0.001
%/%max
Power Supply
I+
VS = +15 V
7
7
Current
I–
IREF ≤ 1.0 mA
–18
–18
mA max
Power
VS = +15 V
Dissipation
PD
IREF ≤ 1.0 mA
375
375
mW max
NOTE
Electrical tests are performed at wafer probe to the limits shown. Due to variations in assembly methods and normal yield loss, yield after packaging is not guaranteed
for standard product dice. Consult factory to negotiate specifications based on dice lot qualification through sample lot assembly and testing.
@ VS =
15 V, IREF = 1.0 mA, TA = 25 C, unless otherwise noted. Output characteristics refer to both IOUT and IOUT.
DICE CHARACTERISTICS
DIE SIZE 0.141
× 0.096 inch, 13,536 sq. mils (3.58 × 2.44 mm, 8.74 sq. mm)
1. B1 (MSB)
11. B11
2. B2
12. B12 (LSB)
3. B3
13. VLC/AGND
4. B4
14. VREF(+)
5. B5
15. VREF(–)
6. B6
16. COMP
7. B7
17. V–
8. B8
18. IO
9. B9
19. IO
10. B10
20. V+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com