| Moteur de recherche de fiches techniques de composants électroniques |
|
AD8628WAUJZ-R7 Fiches technique(PDF) 12 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8628WAUJZ-R7 Fiches technique(HTML) 12 Page - Analog Devices |
|
12 / 24 page ![]() AD8628/AD8629/AD8630 Rev. I | Page 12 of 24 FREQUENCY (kHz) 120 105 90 75 45 30 15 60 0 0 5 10 15 20 25 VS = 5V NOISE AT 10kHz = 36.4nV Figure 41. Voltage Noise Density at 5 V from 0 Hz to 25 kHz FREQUENCY (kHz) 120 105 90 75 45 30 15 60 0 05 10 VS = 5V Figure 42. Voltage Noise Density at 5 V from 0 Hz to 10 kHz VS = 2.7V TO 5V TA = –40°C TO +125°C TEMPERATURE (°C) 150 130 120 140 110 100 90 60 70 80 50 –50 0 25 –25 50 75 100 125 Figure 43. Power Supply Rejection vs. Temperature TEMPERATURE (°C) 150 100 50 0 –50 –100 –50 25 50 75 0 –25 100 125 150 175 VS = 2.7V TA = –40°C TO +150°C ISC– ISC+ Figure 44. Output Short-Circuit Current vs. Temperature TEMPERATURE (°C) 150 100 50 0 –50 –100 –50 25 50 75 0 –25 100 125 150 175 VS = 5V TA = –40°C TO +150°C ISC– ISC+ Figure 45. Output Short-Circuit Current vs. Temperature TEMPERATURE (°C) 1k 100 10 1 0.1 –50 25 50 75 0 –25 100 125 150 175 VS = 5V VCC – VOH @ 1kΩ VCC – VOH @ 10kΩ VCC – VOH @ 100kΩ VOL – VEE @ 1kΩ VOL – VEE @ 10kΩ VOL – VEE @ 100kΩ Figure 46. Output-to-Rail Voltage vs. Temperature |