| Moteur de recherche de fiches techniques de composants électroniques |
|
NCP45521IMNTWGL Fiches technique(PDF) 1 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
NCP45521IMNTWGL Fiches technique(HTML) 1 Page - ON Semiconductor |
|
1 / 10 page ![]() © Semiconductor Components Industries, LLC, 2013 January, 2013 − Rev. 1 1 Publication Order Number: NCP45520/D NCP45520, NCP45521 ecoSWITCH t Advanced Load Management Controlled Load Switch with Low RON The NCP4552x series of load switches provide a component and area-reducing solution for efficient power domain switching with inrush current limit via soft start. In addition to integrated control functionality with ultra low on−resistance, these devices offer system safeguards and monitoring via fault protection and power good signaling. This cost effective solution is ideal for power management and hot-swap applications requiring low power consumption in a small footprint. Features • Advanced Controller with Charge Pump • Integrated N-Channel MOSFET with Low RON • Input Voltage Range 0.5 V to 13.5 V • Soft-Start via Controlled Slew Rate • Adjustable Slew Rate Control (NCP45521) • Power Good Signal (NCP45520) • Thermal Shutdown • Undervoltage Lockout • Short-Circuit Protection • Extremely Low Standby Current • Load Bleed (Quick Discharge) • This is a Pb−Free Device Typical Applications • Portable Electronics and Systems • Notebook and Tablet Computers • Telecom, Networking, Medical, and Industrial Equipment • Set−Top Boxes, Servers, and Gateways • Hot Swap Devices and Peripheral Ports Figure 1. Block Diagram (*Note: either PG or SR available for each part) EN Bandgap & Biases Charge Pump Delay and Slew Rate Control GND BLEED Thermal, Undervoltage & Short−Circuit Protection SR* Control Logic PG* VOUT VIN VCC DFN8, 2x2 CASE 506CC MARKING DIAGRAM http://onsemi.com RON TYP VCC IMAX 9.5 mW 3.3 V 10.5 A 3.3 V 10.1 mW VIN 1.8 V 5.0 V PIN CONFIGURATION (Top View) See detailed ordering and shipping information on page 9 of this data sheet. ORDERING INFORMATION 1 XX = PH for NCP45520−H = PL for NCP45520−L = SH for NCP45521−H = SL for NCP45521−L M = Date Code G = Pb−Free Package XX MG G 1 (Note: Microdot may be in either location) 12.8 mW 3.3 V 12 V 1 PG or SR EN GND BLEED 4 2 3 8 7 6 5 9: VIN VOUT VOUT VCC VIN |
Numéro de pièce similaire - NCP45521IMNTWGL |
|
Description similaire - NCP45521IMNTWGL |