| Moteur de recherche de fiches techniques de composants électroniques |
|
ADP5585ACBZ-04-R7 Fiches technique(PDF) 17 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP5585ACBZ-04-R7 Fiches technique(HTML) 17 Page - Analog Devices |
|
17 / 40 page ![]() Data Sheet ADP5585 Rev. C | Page 17 of 40 REGISTER MAP Table 6. Reg Add Reg Name R/W1 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 0x00 ID R MAN_ID REV_ID 0x01 INT_STATUS R/W Reserved LOGIC_INT Reserved OVRFLOW_ INT GPI_INT EVENT_INT 0x02 Status R Reserved LOGIC_STAT Reserved EC[4:0] 0x03 FIFO_1 R EVENT1_STATE EVENT1_IDENTIFIER[6:0] 0x04 FIFO_2 R EVENT2_STATE EVENT2_IDENTIFIER[6:0] 0x05 FIFO_3 R EVENT3_STATE EVENT3_IDENTIFIER[6:0] 0x06 FIFO_4 R EVENT4_STATE EVENT4_IDENTIFIER[6:0] 0x07 FIFO_5 R EVENT5_STATE EVENT5_IDENTIFIER[6:0] 0x08 FIFO_6 R EVENT6_STATE EVENT6_IDENTIFIER[6:0] 0x09 FIFO_7 R EVENT7_STATE EVENT7_IDENTIFIER[6:0] 0x0A FIFO_8 R EVENT8_STATE EVENT8_IDENTIFIER[6:0] 0x0B FIFO_9 R EVENT9_STATE EVENT9_IDENTIFIER[6:0] 0x0C FIFO_10 R EVENT10_STATE EVENT10_IDENTIFIER[6:0] 0x0D FIFO_11 R EVENT11_STATE EVENT11_IDENTIFIER[6:0] 0x0E FIFO_12 R EVENT12_STATE EVENT12_IDENTIFIER[6:0] 0x0F FIFO_13 R EVENT13_STATE EVENT13_IDENTIFIER[6:0] 0x10 FIFO_14 R EVENT14_STATE EVENT14_IDENTIFIER[6:0] 0x11 FIFO_15 R EVENT15_STATE EVENT15_IDENTIFIER[6:0] 0x12 FIFO_16 R EVENT16_STATE EVENT16_IDENTIFIER[6:0] 0x13 GPI_INT_ STAT_A R Reserved GPI_6_INT GPI_5_INT GPI_4_INT GPI_3_INT GPI_2_INT GPI_1_INT 0x14 GPI_INT_ STAT_B R Reserved GPI_11_INT GPI_10_INT GPI_9_INT GPI_8_INT GPI_7_INT 0x15 GPI_STATUS_A R Reserved GPI_6_STAT GPI_5_STAT GPI_4_STAT GPI_3_STAT GPI_2_STAT GPI_1_STAT 0x16 GPI_STATUS_B R Reserved GPI_11_STAT GPI_10_STAT GPI_9_STAT GPI_8_STAT GPI_7_STAT 0x17 R_PULL_ CONFIG_A R/W R3_PULL_CFG R2_PULL_CFG R1_PULL_CFG R0_PULL_CFG 0x18 R_PULL_ CONFIG_B R/W Reserved R5_PULL_CFG R4_PULL_CFG 0x19 R_PULL_ CONFIG_C R/W C3_PULL_CFG C2_PULL_CFG C1_PULL_CFG C0_PULL_CFG 0x1A R_PULL_ CONFIG_D R/W Reserved C4_PULL_CFG 0x1B GPI_INT_ LEVEL_A R/W Reserved GPI_6_ INT_LEVEL GPI_5_ INT_LEVEL GPI_4_ INT_LEVEL GPI_3_ INT_LEVEL GPI_2_ INT_LEVEL GPI_1_ INT_LEVEL 0x1C GPI_INT_ LEVEL_B R/W Reserved GPI_11_ INT_LEVEL GPI_10_ INT_LEVEL GPI_9_ INT_LEVEL GPI_8_ INT_LEVEL GPI_7_ INT_LEVEL 0x1D GPI_EVENT_EN_A R/W Reserved GPI_6_ EVENT_EN GPI_5_ EVENT_EN GPI_4_ EVENT_EN GPI_3_ EVENT_EN GPI_2_ EVENT_EN GPI_1_ EVENT_EN 0x1E GPI_EVENT_EN_B R/W Reserved GPI_11_ EVENT_EN GPI_10_ EVENT_EN GPI_9_ EVENT_EN GPI_8_ EVENT_EN GPI_7_ EVENT_EN 0x1F GPI_INTERRUPT_ EN_A R/W Reserved GPI_6_ INT_EN GPI_5_ INT_EN GPI_4_ INT_EN GPI_3_ INT_EN GPI_2_ INT_EN GPI_1_ INT_EN 0x20 GPI_INTERRUPT_ EN_B R/W Reserved GPI_11_ INT_EN GPI_10_ INT_EN GPI_9_ INT_EN GPI_8_ INT_EN GPI_7_ INT_EN 0x21 DEBOUNCE_ DIS_A R/W Reserved GPI_6_ DEB_DIS GPI_5_ DEB_DIS GPI_4_ DEB_DIS GPI_3_ DEB_DIS GPI_2_ DEB_DIS GPI_1_ DEB_DIS 0x22 DEBOUNCE_ DIS_B R/W Reserved GPI_11_ DEB_DIS GPI_10_ DEB_DIS GPI_9_ DEB_DIS GPI_8_ DEB_DIS GPI_7_ DEB_DIS 0x23 GPO_DATA_ OUT_A R/W Reserved GPO_6_ DATA GPO_5_ DATA GPO_4_ DATA GPO_3_ DATA GPO_2_ DATA GPO_1_ DATA 0x24 GPO_DATA_ OUT_B R/W Reserved GPO_11_ DATA GPO_10_ DATA GPO_9_ DATA GPO_8_ DATA GPO_7_ DATA 0x25 GPO_OUT_ MODE_A R/W Reserved GPO_6_ OUT_MODE GPO_5_ OUT_MODE GPO_4_ OUT_MODE GPO_3_ OUT_MODE GPO_2_ OUT_MODE GPO_1_ OUT_MODE |