Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADP5585ACPZ-00-R7 Fiches technique(PDF) 27 Page - Analog Devices

No de pièce ADP5585ACPZ-00-R7
Description  Keypad Decoder and I/O Expansion
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADP5585ACPZ-00-R7 Fiches technique(HTML) 27 Page - Analog Devices

Back Button ADP5585ACPZ-00-R7 Datasheet HTML 23Page - Analog Devices ADP5585ACPZ-00-R7 Datasheet HTML 24Page - Analog Devices ADP5585ACPZ-00-R7 Datasheet HTML 25Page - Analog Devices ADP5585ACPZ-00-R7 Datasheet HTML 26Page - Analog Devices ADP5585ACPZ-00-R7 Datasheet HTML 27Page - Analog Devices ADP5585ACPZ-00-R7 Datasheet HTML 28Page - Analog Devices ADP5585ACPZ-00-R7 Datasheet HTML 29Page - Analog Devices ADP5585ACPZ-00-R7 Datasheet HTML 30Page - Analog Devices ADP5585ACPZ-00-R7 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
Data Sheet
ADP5585
Rev. C | Page 27 of 40
GPI_EVENT_INTERRUPT_EN_A Register 0x1F
Table 39. GPI_INTERRUPT_EN_A Bit Descriptions
Bit(s)
Bit Name
Access
Description
7 to 6
N/A
Reserved.
5
GPI_6_INT_EN
Read/write
(Reserved except for ADP5585AC_Z-01-R7 options)
0 = GPI_6_INT is disabled.
1 = GPI_6_INT enabled. Asserts the GPI_INT bit (Register 0x01, Bit 1) if
GPI_6_INT is set and the GPI 6 interrupt condition is met.
4
GPI_5_INT_EN
Read/write
0 = GPI_5_INT is disabled.
1 = GPI_5_INT enabled. Asserts the GPI_INT bit (Register 0x01, Bit 1) if
GPI_5_INT is set and the GPI 5 interrupt condition is met.
3
GPI_4_INT_EN
Read/write
0 = GPI_4_INT is disabled.
1 = GPI_4_INT enabled. Asserts the GPI_INT bit (Register 0x01, Bit 1) if
GPI_4_INT is set and the GPI 4 interrupt condition is met.
2
GPI_3_INT_EN
Read/write
0 = GPI_3_INT is disabled.
1 = GPI_3_INT enabled. Asserts the GPI_INT bit (Register 0x01, Bit 1) if
GPI_3_INT is set and the GPI 3 interrupt condition is met.
1
GPI_2_INT_EN
Read/write
0 = GPI_2_INT is disabled.
1 = GPI_2_INT enabled. Asserts the GPI_INT bit (Register 0x01, Bit 1) if
GPI_2_INT is set and the GPI 2 interrupt condition is met.
0
GPI_1_INT_EN
Read/write
0 = GPI_1_INT is disabled.
1 = GPI_1_INT enabled. Asserts the GPI_INT bit (Register 0x01, Bit 1) if
GPI_1_INT is set and the GPI 1 interrupt condition is met.
GPI_EVENT_INTERRUPT_EN_B Register 0x20
Table 40. GPI_INTERRUPT_EN_B Bit Descriptions
Bit(s)
Bit Name
Access
Description
7 to 5
N/A
Reserved.
4
GPI_11_INT_EN
Read/write
0 = GPI_11_INT is disabled.
1 = GPI_11_INT enabled. Asserts the GPI_INT bit (Register 0x01, Bit 1) if
GPI_11_INT is set and the GPI 11 interrupt condition is met.
3
GPI_10_INT_EN
Read/write
0 = GPI_10_INT is disabled.
1 = GPI_10_INT enabled. Asserts the GPI_INT bit (Register 0x01, Bit 1) if
GPI_10_INT is set and the GPI 10 interrupt condition is met.
2
GPI_9_INT_EN
Read/write
0 = GPI_9_INT is disabled.
1 = GPI_9_INT enabled. Asserts the GPI_INT bit (Register 0x01, Bit 1) if
GPI_9_INT is set and the GPI 9 interrupt condition is met.
1
GPI_8_INT_EN
Read/write
0 = GPI_8_INT is disabled.
1 = GPI_8_INT enabled. Asserts the GPI_INT bit (Register 0x01, Bit 1) if
GPI_8_INT is set and the GPI 8 interrupt condition is met.
0
GPI_7_INT_EN
Read/write
0 = GPI_7_INT is disabled.
1 = GPI_7_INT enabled. Asserts the GPI_INT bit (Register 0x01, Bit 1) if
GPI_7_INT is set and the GPI 7 interrupt condition is met.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40