Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM393DRE4 Fiches technique(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM393DRE4
Description  DUAL DIFFERENTIAL COMPARATORS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM393DRE4 Fiches technique(HTML) 28 Page - Texas Instruments

Back Button LM393DRE4 Datasheet HTML 22Page - Texas Instruments LM393DRE4 Datasheet HTML 23Page - Texas Instruments LM393DRE4 Datasheet HTML 24Page - Texas Instruments LM393DRE4 Datasheet HTML 25Page - Texas Instruments LM393DRE4 Datasheet HTML 26Page - Texas Instruments LM393DRE4 Datasheet HTML 27Page - Texas Instruments LM393DRE4 Datasheet HTML 28Page - Texas Instruments LM393DRE4 Datasheet HTML 29Page - Texas Instruments LM393DRE4 Datasheet HTML 30Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
LM193DR
SOIC
D
8
2500
367.0
367.0
35.0
LM2903DGKR
VSSOP
DGK
8
2500
364.0
364.0
27.0
LM2903DR
SOIC
D
8
2500
340.5
338.1
20.6
LM2903DR
SOIC
D
8
2500
367.0
367.0
35.0
LM2903DRG3
SOIC
D
8
2500
364.0
364.0
27.0
LM2903DRG4
SOIC
D
8
2500
340.5
338.1
20.6
LM2903DRG4
SOIC
D
8
2500
367.0
367.0
35.0
LM2903PSR
SO
PS
8
2000
367.0
367.0
38.0
LM2903PWR
TSSOP
PW
8
2000
364.0
364.0
27.0
LM2903PWR
TSSOP
PW
8
2000
367.0
367.0
35.0
LM2903PWRG3
TSSOP
PW
8
2000
364.0
364.0
27.0
LM2903QDRG4
SOIC
D
8
2500
367.0
367.0
35.0
LM2903VQPWRG4
TSSOP
PW
8
2000
367.0
367.0
35.0
LM293ADGKR
VSSOP
DGK
8
2500
364.0
364.0
27.0
LM293ADR
SOIC
D
8
2500
367.0
367.0
35.0
LM293ADR
SOIC
D
8
2500
340.5
338.1
20.6
LM293ADRG4
SOIC
D
8
2500
367.0
367.0
35.0
LM293ADRG4
SOIC
D
8
2500
340.5
338.1
20.6
LM293DGKR
VSSOP
DGK
8
2500
364.0
364.0
27.0
LM293DR
SOIC
D
8
2500
340.5
338.1
20.6
PACKAGE MATERIALS INFORMATION
www.ti.com
23-Oct-2013
Pack Materials-Page 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30