Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LP2998MR Fiches technique(PDF) 21 Page - Texas Instruments

No de pièce LP2998MR
Description  LP2998 DDR-I and DDR-II Termination Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LP2998MR Fiches technique(HTML) 21 Page - Texas Instruments

Back Button LP2998MR Datasheet HTML 17Page - Texas Instruments LP2998MR Datasheet HTML 18Page - Texas Instruments LP2998MR Datasheet HTML 19Page - Texas Instruments LP2998MR Datasheet HTML 20Page - Texas Instruments LP2998MR Datasheet HTML 21Page - Texas Instruments LP2998MR Datasheet HTML 22Page - Texas Instruments LP2998MR Datasheet HTML 23Page - Texas Instruments LP2998MR Datasheet HTML 24Page - Texas Instruments LP2998MR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
LP2998MAE/NOPB
SOIC
D
8
250
210.0
185.0
35.0
LP2998MAX/NOPB
SOIC
D
8
2500
367.0
367.0
35.0
LP2998MRE/NOPB
SO PowerPAD
DDA
8
250
213.0
191.0
55.0
LP2998MRX/NOPB
SO PowerPAD
DDA
8
2500
367.0
367.0
35.0
PACKAGE MATERIALS INFORMATION
www.ti.com
8-Apr-2013
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26