Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MLM324P Fiches technique(PDF) 22 Page - Texas Instruments

No de pièce MLM324P
Description  LM124-N/LM224-N/LM324-N/LM2902-N Low Power Quad Operational Amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

MLM324P Fiches technique(HTML) 22 Page - Texas Instruments

Back Button MLM324P Datasheet HTML 18Page - Texas Instruments MLM324P Datasheet HTML 19Page - Texas Instruments MLM324P Datasheet HTML 20Page - Texas Instruments MLM324P Datasheet HTML 21Page - Texas Instruments MLM324P Datasheet HTML 22Page - Texas Instruments MLM324P Datasheet HTML 23Page - Texas Instruments MLM324P Datasheet HTML 24Page - Texas Instruments MLM324P Datasheet HTML 25Page - Texas Instruments MLM324P Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
1-Nov-2013
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
LM124AJ/PB
ACTIVE
CDIP
J
14
25
TBD
Call TI
Call TI
LM124AJ
LM124J/PB
ACTIVE
CDIP
J
14
25
TBD
Call TI
Call TI
LM124J
LM224J
ACTIVE
CDIP
J
14
25
TBD
Call TI
Call TI
-25 to 85
LM224J
LM2902M
NRND
SOIC
D
14
55
TBD
Call TI
Call TI
-40 to 85
LM2902M
LM2902M/NOPB
ACTIVE
SOIC
D
14
55
Green (RoHS
& no Sb/Br)
SN | CU SN
Level-1-260C-UNLIM
-40 to 85
LM2902M
LM2902MT
NRND
TSSOP
PW
14
94
TBD
Call TI
Call TI
-40 to 85
LM290
2MT
LM2902MT/NOPB
ACTIVE
TSSOP
PW
14
94
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 85
LM290
2MT
LM2902MTX/NOPB
ACTIVE
TSSOP
PW
14
2500
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 85
LM290
2MT
LM2902MX
NRND
SOIC
D
14
2500
TBD
Call TI
Call TI
-40 to 85
LM2902M
LM2902MX/NOPB
ACTIVE
SOIC
D
14
2500
Green (RoHS
& no Sb/Br)
SN | CU SN
Level-1-260C-UNLIM
-40 to 85
LM2902M
LM2902N/NOPB
ACTIVE
PDIP
NFF
14
25
Green (RoHS
& no Sb/Br)
SN | CU SN
Level-1-NA-UNLIM
-40 to 85
LM2902N
LM2902N/PB
NRND
PDIP
NFF
14
25
TBD
Call TI
Call TI
LM2902N
LM324AM
NRND
SOIC
D
14
55
TBD
Call TI
Call TI
0 to 70
LM324AM
LM324AM/NOPB
ACTIVE
SOIC
D
14
55
Green (RoHS
& no Sb/Br)
SN | CU SN
Level-1-260C-UNLIM
0 to 70
LM324AM
LM324AMX
NRND
SOIC
D
14
2500
TBD
Call TI
Call TI
0 to 70
LM324AM
LM324AMX/NOPB
ACTIVE
SOIC
D
14
2500
Green (RoHS
& no Sb/Br)
SN | CU SN
Level-1-260C-UNLIM
0 to 70
LM324AM
LM324AN/NOPB
ACTIVE
PDIP
NFF
14
25
Green (RoHS
& no Sb/Br)
SN | CU SN
Level-1-NA-UNLIM
0 to 70
LM324AN
LM324AN/PB
NRND
PDIP
NFF
14
25
TBD
Call TI
Call TI
LM324AN
LM324J
ACTIVE
CDIP
J
14
25
TBD
Call TI
Call TI
0 to 70
LM324J
LM324M
NRND
SOIC
D
14
55
TBD
Call TI
Call TI
0 to 70
LM324M
LM324M/NOPB
ACTIVE
SOIC
D
14
55
Green (RoHS
& no Sb/Br)
SN | CU SN
Level-1-260C-UNLIM
0 to 70
LM324M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31