| Moteur de recherche de fiches techniques de composants électroniques |
|
LM385Z Fiches technique(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM385Z Fiches technique(HTML) 13 Page - Texas Instruments |
|
13 / 23 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 1-Nov-2013 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples LM185BH ACTIVE TO NDV 3 1000 TBD Call TI Call TI -55 to 125 LM185BH LM185BH/NOPB ACTIVE TO NDV 3 1000 Green (RoHS & no Sb/Br) POST-PLATE Level-1-NA-UNLIM -55 to 125 LM185BH LM185H-2.5 ACTIVE TO NDU 2 1000 TBD Call TI Call TI -55 to 125 LM185H2.5 LM185H-2.5/NOPB ACTIVE TO NDU 2 1000 Green (RoHS & no Sb/Br) POST-PLATE Level-1-NA-UNLIM -55 to 125 LM185H2.5 LM285BXZ/NOPB ACTIVE TO-92 LP 3 1800 Green (RoHS & no Sb/Br) SN | CU SN N / A for Pkg Type -40 to 85 LM285 BXZ LM285BYM/NOPB ACTIVE SOIC D 8 95 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 85 LM285 BYM LM285BYMX/NOPB ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) SN | CU SN Level-1-260C-UNLIM -40 to 85 LM285 BYM LM285BYZ/NOPB ACTIVE TO-92 LP 3 1800 Green (RoHS & no Sb/Br) SN | CU SN N / A for Pkg Type -40 to 85 LM285 BYZ LM285M/NOPB ACTIVE SOIC D 8 95 Green (RoHS & no Sb/Br) SN | CU SN Level-1-260C-UNLIM -40 to 85 LM285 M LM285MX/NOPB ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) SN | CU SN Level-1-260C-UNLIM -40 to 85 LM285 M LM285Z/NOPB ACTIVE TO-92 LP 3 1800 Green (RoHS & no Sb/Br) SN | CU SN N / A for Pkg Type -40 to 85 LM285 Z LM385BM NRND SOIC D 8 95 TBD Call TI Call TI 0 to 70 LM385 BM LM385BM/NOPB ACTIVE SOIC D 8 95 Green (RoHS & no Sb/Br) SN | CU SN Level-1-260C-UNLIM 0 to 70 LM385 BM LM385BMX/NOPB ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) SN | CU SN Level-1-260C-UNLIM 0 to 70 LM385 BM LM385BXZ/NOPB ACTIVE TO-92 LP 3 1800 Green (RoHS & no Sb/Br) SN | CU SN N / A for Pkg Type 0 to 70 LM385 BXZ LM385BYZ/NOPB ACTIVE TO-92 LP 3 1800 Green (RoHS & no Sb/Br) SN | CU SN N / A for Pkg Type 0 to 70 LM385 BYZ LM385BZ/NOPB ACTIVE TO-92 LP 3 1800 Green (RoHS & no Sb/Br) SN | CU SN N / A for Pkg Type 0 to 70 LM385 BZ LM385M NRND SOIC D 8 95 TBD Call TI Call TI 0 to 70 LM385 |