Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM3703CBC Fiches technique(PDF) 68 Page - Texas Instruments

Click here to check the latest version.
No de pièce AM3703CBC
Description  Sitara ARM Microprocessors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

AM3703CBC Fiches technique(HTML) 68 Page - Texas Instruments

Back Button AM3703CBC Datasheet HTML 64Page - Texas Instruments AM3703CBC Datasheet HTML 65Page - Texas Instruments AM3703CBC Datasheet HTML 66Page - Texas Instruments AM3703CBC Datasheet HTML 67Page - Texas Instruments AM3703CBC Datasheet HTML 68Page - Texas Instruments AM3703CBC Datasheet HTML 69Page - Texas Instruments AM3703CBC Datasheet HTML 70Page - Texas Instruments AM3703CBC Datasheet HTML 71Page - Texas Instruments AM3703CBC Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 280 page
background image
AM3715, AM3703
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
www.ti.com
Table 2-3. Ball Characteristics (CUS Pkg.)(1) (continued)
BALL
PIN NAME [2]
MODE [3]
TYPE [4]
BALL RESET BALL RESET RESET REL. POWER [8]
HYS [9]
BUFFER
PULLUP
IO CELL [12]
NUMBER [1]
STATE [5]
REL. STATE MODE [7]
STRENGTH
/DOWN
[6]
(mA) [10]
TYPE [11]
G22
dss_pclk
0
O
H
H
7
vdds
Yes
8
PU/ PD
LVCMOS
gpio_66
4
IO
hw_dbg12
5
O
safe_mode
7
E22
dss_hsync
0
O
H
H
7
vdds
Yes
8
PU/ PD
LVCMOS
gpio_67
4
IO
hw_dbg13
5
O
safe_mode
7
F22
dss_vsync
0
O
H
H
7
vdds
Yes
8
PU/ PD
LVCMOS
gpio_68
4
IO
safe_mode
7
J21
dss_acbias
0
O
L
L
7
vdds
Yes
8
PU/ PD
LVCMOS
gpio_69
4
IO
safe_mode
7
AC19
dss_data0
0
IO
L
L
7
vdds
Yes
8
PU/ PD
LVCMOS
uart1_cts
2
I
NA
gpio_70
4
IO
8
safe_mode
7
8
AB19
dss_data1
0
IO
L
L
7
vdds
Yes
8
PU/ PD
LVCMOS
uart1_rts
2
O
8
gpio_71
4
IO
8
safe_mode
7
8
AD20
dss_data2
0
IO
L
L
7
vdds
Yes
8
PU/ PD
LVCMOS
gpio_72
4
IO
8
safe_mode
7
8
AC20
dss_data3
0
IO
L
L
7
vdds
Yes
8
PU/ PD
LVCMOS
gpio_73
4
IO
8
safe_mode
7
8
AD21
dss_data4
0
IO
L
L
7
vdds
Yes
8
PU/ PD
LVCMOS
uart3_rx_ irrx
2
I
NA
gpio_74
4
IO
8
safe_mode
7
8
AC21
dss_data5
0
IO
L
L
7
vdds
Yes
8
PU/ PD
LVCMOS
uart3_tx_ irtx
2
O
8
gpio_75
4
IO
8
safe_mode
7
8
D24
dss_data6
0
IO
L
L
7
vdds
Yes
8
PU/ PD
LVCMOS
uart1_tx
2
O
gpio_76
4
IO
hw_dbg14
5
O
safe_mode
7
E23
dss_data7
0
IO
L
L
7
vdds
Yes
8
PU/ PD
LVCMOS
uart1_rx
2
I
gpio_77
4
IO
hw_dbg15
5
O
safe_mode
7
E24
dss_data8
0
IO
L
L
7
vdds
Yes
8
PU/ PD
LVCMOS
uart3_rx_irrx
2
I
gpio_78
4
IO
hw_dbg16
5
O
safe_mode
7
F23
dss_data9
0
IO
L
L
7
vdds
Yes
8
PU/ PD
LVCMOS
uart3_tx_irtx
2
O
gpio_79
4
IO
hw_dbg17
5
O
68
TERMINAL DESCRIPTION
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More