| Moteur de recherche de fiches techniques de composants électroniques |
|
AM3703 Fiches technique(PDF) 66 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM3703 Fiches technique(HTML) 66 Page - Texas Instruments |
|
66 / 280 page ![]() AM3715, AM3703 SPRS616F – JUNE 2010 – REVISED AUGUST 2011 www.ti.com Table 2-3. Ball Characteristics (CUS Pkg.)(1) (continued) BALL PIN NAME [2] MODE [3] TYPE [4] BALL RESET BALL RESET RESET REL. POWER [8] HYS [9] BUFFER PULLUP IO CELL [12] NUMBER [1] STATE [5] REL. STATE MODE [7] STRENGTH /DOWN [6] (mA) [10] TYPE [11] gpio_35 4 IO safe_mode 7 K2 gpmc_a3 0 O L L 7 vdds_mem Yes 8 PU/ PD LVCMOS gpio_36 4 IO safe_mode 7 J4 gpmc_a4 0 O L L 7 vdds_mem Yes 8 PU/ PD LVCMOS gpio_37 4 IO safe_mode 7 J3 gpmc_a5 0 O L L 7 vdds_mem Yes 8 PU/ PD LVCMOS gpio_38 4 IO safe_mode 7 J2 gpmc_a6 0 O H H 7 vdds_mem Yes 8 PU/ PD LVCMOS gpio_39 4 IO safe_mode 7 J1 gpmc_a7 0 O H H 7 vdds_mem Yes 8 PU/ PD LVCMOS gpio_40 4 IO safe_mode 7 H1 gpmc_a8 0 O H H 7 vdds_mem Yes 8 PU/ PD LVCMOS gpio_41 4 IO safe_mode 7 H2 gpmc_a9 0 O H H 7 vdds_mem Yes 8 PU/ PD LVCMOS sys_ndmareq2 1 I gpio_42 4 IO safe_mode 7 G2 gpmc_a10 0 O H H 7 vdds_mem Yes 8 PU/ PD LVCMOS sys_ndmareq3 1 I gpio_43 4 IO safe_mode 7 L2 gpmc_d0 0 IO H H 0 vdds_mem Yes 8 PU/ PD LVCMOS M1 gpmc_d1 0 IO H H 0 vdds_mem Yes 8 PU/ PD LVCMOS M2 gpmc_d2 0 IO H H 0 vdds_mem Yes 8 PU/ PD LVCMOS N2 gpmc_d3 0 IO H H 0 vdds_mem Yes 8 PU/ PD LVCMOS M3 gpmc_d4 0 IO H H 0 vdds_mem Yes 8 PU/ PD LVCMOS P1 gpmc_d5 0 IO H H 0 vdds_mem Yes 8 PU/ PD LVCMOS P2 gpmc_d6 0 IO H H 0 vdds_mem Yes 8 PU/ PD LVCMOS R1 gpmc_d7 0 IO H H 0 vdds_mem Yes 8 PU/ PD LVCMOS R2 gpmc_d8 0 IO H H 0 vdds_mem Yes 8 PU/ PD LVCMOS gpio_44 4 IO safe_mode 7 T2 gpmc_d9 0 IO H H 0 vdds_mem Yes 8 PU/ PD LVCMOS gpio_45 4 IO safe_mode 7 U1 gpmc_d10 0 IO H H 0 vdds_mem Yes 8 PU/ PD LVCMOS gpio_46 4 IO safe_mode 7 R3 gpmc_d11 0 IO H H 0 vdds_mem Yes 8 PU/ PD LVCMOS gpio_47 4 IO safe_mode 7 T3 gpmc_d12 0 IO H H 0 vdds_mem Yes 8 PU/ PD LVCMOS gpio_48 4 IO safe_mode 7 U2 gpmc_d13 0 IO H H 0 vdds_mem Yes 8 PU/ PD LVCMOS gpio_49 4 IO safe_mode 7 V1 gpmc_d14 0 IO H H 0 vdds_mem Yes 8 PU/ PD LVCMOS 66 TERMINAL DESCRIPTION Copyright © 2010–2011, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): AM3715 AM3703 |