Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMC7812SPAPR Fiches technique(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
No de pièce AMC7812SPAPR
Description  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

AMC7812SPAPR Fiches technique(HTML) 31 Page - Texas Instruments

Back Button AMC7812SPAPR Datasheet HTML 27Page - Texas Instruments AMC7812SPAPR Datasheet HTML 28Page - Texas Instruments AMC7812SPAPR Datasheet HTML 29Page - Texas Instruments AMC7812SPAPR Datasheet HTML 30Page - Texas Instruments AMC7812SPAPR Datasheet HTML 31Page - Texas Instruments AMC7812SPAPR Datasheet HTML 32Page - Texas Instruments AMC7812SPAPR Datasheet HTML 33Page - Texas Instruments AMC7812SPAPR Datasheet HTML 34Page - Texas Instruments AMC7812SPAPR Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 92 page
background image
ToShift
Register
ADC
ADC-0
Data
ADC-0
Temporary
Out-of-Limit
Alarm
ADC-7
Data
ADC-7
Temporary
ADC-15
Data
ADC-15
Temporary
DAVFBit
Pin
DAV
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
CH8
CH9
CH10
CH11
CH12
CH13
CH14
CH15
CONVERT
(ExternalTrigger)
ICONV
(Internal
Trigger)
Input
Range
Selection
OR
AMC7812
www.ti.com
SBAS513E – JANUARY 2011 – REVISED SEPTEMBER 2013
When any of following events occur, the current conversion cycle stops immediately:
•
A new trigger is issued.
•
The conversion mode changes.
•
Either ADC channel register is rewritten.
•
Any of the analog input threshold registers is rewritten.
When a new external or internal trigger activates, the ADC starts a new conversion cycle.
The internal trigger should not be issued at the same time the conversion mode is changed. If a '1' is
simultaneously written to the ICONV bit when changing the CMODE bit to '0' or '1', the current conversion stops
and immediately returns to the wait for ADC trigger state.
Double-Buffered ADC Data Registers
The host can access all sixteen, double-buffered ADC Data Registers, as shown in Figure 83. The conversion
result from the analog input with channel address n (where n = 0 to 15) is stored in the ADC-n-Data Register.
When the conversion of an individual channel is completed, the data are immediately transferred into the
corresponding ADC-n temporary (TMPRY) register, the first stage of the data buffer. When the conversion of the
last channel completes, all data in the ADC-n TMPRY Registers are simultaneously transferred into the
corresponding ADC-n-Data Registers, the second stage of the data buffer. However, if a data transfer is in
progress between any ADC-n-Data Register and the AMC Shift Register, all ADC-n-Data Registers are not
updated until the data transfer is complete. The conversion result from channel address n is stored in the ADC-n-
Data Register. For example, the result from channel 0 is stored in the ADC-0-Data Register, and the result from
channel 3 is stored in the ADC-3-Data Register.
Figure 83. Double-Buffered ADC Structure
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Links: AMC7812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92