| Moteur de recherche de fiches techniques de composants électroniques |
|
DM54LS32 Fiches technique(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DM54LS32 Fiches technique(HTML) 2 Page - Texas Instruments |
|
2 / 8 page ![]() TLF6361 May 1989 54LS32DM54LS32DM74LS32 Quad 2-Input OR Gates General Description This device contains four independent gates each of which performs the logic OR function Features Y Alternate MilitaryAerospace device (54LS32) is avail- able Contact a National Semiconductor Sales Office Distributor for specifications Connection Diagram Dual-In-Line Package TLF6361 – 1 Order Number 54LS32DMQB 54LS32FMQB 54LS32LMQB DM54LS32J DM54LS32W DM74LS32M or DM74LS32N See NS Package Number E20A J14A M14A N14A or W14B Function Table Y e A a B Inputs Output AB Y LL L LH H HL H HH H H e High Logic Level L e Low Logic Level C1995 National Semiconductor Corporation RRD-B30M105Printed in U S A |