| Moteur de recherche de fiches techniques de composants électroniques |
|
TMS320C6745DPTP3 Fiches technique(PDF) 4 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320C6745DPTP3 Fiches technique(HTML) 4 Page - Texas Instruments |
|
4 / 227 page ![]() Switched Central Resource (SCR) BOOT ROM 256 KB L2 RAM 32 KB L1 RAM 32 KB L1 Pgm AET C674x™ DSP CPU DSP Subsystem JTAG Interface Serial Interfaces I C (2) 2 SPI (2) UART (3) Audio Ports McASP w/FIFO (2) DMA Peripherals External Memory Interfaces Connectivity EDMA3 Control Timers eHRPWM (3) eCAP (3) eQEP (2) (10/100) EMAC (RMII) MDIO USB2.0 OTG Ctlr PHY MMC/SD (8b) EMIFA(8b) NAND/Flash EMIFB SDRAM Only (16b) GPIO PRU Subsystem System Control Input Clock(s) Power/Sleep Controller Memory Protection Pin Multiplexing PLL/Clock Generator w/OSC General- Purpose Timer General- Purpose Timer (Watchdog) Switched Central Resource (SCR) BOOT ROM 256 KB L2 RAM 32 KB L1 RAM 32 KB L1 Pgm AET C674x™ DSP CPU DSP Subsystem JTAG Interface Serial Interfaces I C (2) 2 SPI (2) UART (3) Audio Ports McASP w/FIFO (3) DMA Peripherals Display Internal Memory LCD Ctlr 128 KB RAM External Memory Interfaces Connectivity EDMA3 Control Timers eHRPWM (3) eCAP (3) eQEP (2) (10/100) EMAC (RMII) MDIO USB1.1 OHCI Ctlr PHY USB2.0 OTG Ctlr PHY HPI MMC/SD (8b) EMIFA(8b/16B) NAND/Flash 16b SDRAM EMIFB SDRAM Only (16b/32b) GPIO PRU Subsystem System Control Input Clock(s) Power/Sleep Controller Memory Protection Pin Multiplexing RTC/ 32-KHz OSC PLL/Clock Generator w/OSC General- Purpose Timer General- Purpose Timer (Watchdog) TMS320C6745, TMS320C6747 SPRS377E – SEPTEMBER 2008 – REVISED FEBRUARY 2013 www.ti.com 1.3 Functional Block Diagram Note: Not all peripherals are available at the same time due to multiplexing. See Table 3-1 for details on which device components are available on each device. Figure 1-1. C6747 Functional Block Diagram Note: Not all peripherals are available at the same time due to multiplexing. See Table 3-1 for details on which device components are available on each device. Figure 1-2. C6745 Functional Block Diagram 4 TMS320C6745/6747 Fixed/Floating-Point Digital Signal Processor Copyright © 2008–2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: TMS320C6745 TMS320C6747 |