| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC8306SEC Fiches technique(PDF) 47 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8306SEC Fiches technique(HTML) 47 Page - Freescale Semiconductor, Inc |
|
47 / 70 page ![]() MPC8306S PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 1 Freescale Semiconductor 47 Package and Pin Listings MEMC_MA[8] T1 O GVDD — MEMC_MA[9] P4 O GVDD — MEMC_MA[10] L4 O GVDD — MEMC_MA[11] T2 O GVDD — MEMC_MA[12] U1 O GVDD — MEMC_MA[13] U2 O GVDD — MEMC_MWE_B K1 O GVDD — MEMC_MRAS_B K2 O GVDD — MEMC_MCAS_B J1 O GVDD — MEMC_MCS_B[0] J4 O GVDD — MEMC_MCS_B[1] H1 O GVDD — MEMC_MCKE[0] U4 O GVDD — MEMC_MCK[0] V1 O GVDD — MEMC_MCK_B[0] W1 O GVDD — MEMC_MODT[0] H2 O GVDD — MEMC_MODT[1] H4 O GVDD — MEMC_MVREF L8 GVDD — Local Bus Controller Interface LAD[0] B7 IO OVDD — LAD[1] D9 IO OVDD — LAD[2] A6 IO OVDD — LAD[3] B8 IO OVDD — LAD[4] A7 IO OVDD — LAD[5] A8 IO OVDD — LAD[6] A9 IO OVDD — LAD[7] D10 IO OVDD — LAD[8] B10 IO OVDD — LAD[9] A10 IO OVDD — LAD[10] B11 IO OVDD — LAD[11] D12 IO OVDD — LAD[12] D11 IO OVDD — LAD[13] A11 IO OVDD — LAD[14] A12 IO OVDD — LAD[15] B13 IO OVDD — LA[16] A13 IO OVDD — Table 46. MPC8306S Pinout Listing (continued) Signal Package Pin Number Pin Type Power Supply Notes |