| Moteur de recherche de fiches techniques de composants électroniques |
|
ADP151ACPZ-2.5-R7 Fiches technique(PDF) 18 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP151ACPZ-2.5-R7 Fiches technique(HTML) 18 Page - Analog Devices |
|
18 / 24 page ![]() ADP151 Data Sheet Rev. E | Page 18 of 24 140 120 100 80 60 40 20 0 0.3 4.8 4.3 3.8 3.3 2.8 2.3 1.8 1.3 0.8 VIN – VOUT (V) ILOAD = 1mA ILOAD = 10mA ILOAD = 50mA ILOAD = 100mA ILOAD = 150mA ILOAD = 200mA MAXIMUM JUNCTION TEMPERATURE Figure 51. LFCSP 500 mm2 of PCB Copper, TA = 25°C 140 120 100 80 60 40 20 0 0.3 4.8 4.3 3.8 3.3 2.8 2.3 1.8 1.3 0.8 VIN – VOUT (V) ILOAD = 1mA ILOAD = 10mA ILOAD = 50mA ILOAD = 100mA ILOAD = 150mA ILOAD = 200mA MAXIMUM JUNCTION TEMPERATURE Figure 52. LFCSP 100 mm2 of PCB Copper, TA = 25°C 140 120 100 80 60 40 20 0 0.3 4.8 4.3 3.8 3.3 2.8 2.3 1.8 1.3 0.8 VIN – VOUT (V) ILOAD = 1mA ILOAD = 10mA ILOAD = 50mA ILOAD = 100mA ILOAD = 150mA ILOAD = 200mA MAXIMUM JUNCTION TEMPERATURE Figure 53. LFCSP 50 mm2 of PCB Copper, TA = 25°C 140 120 100 80 60 40 20 0 0.3 4.8 4.3 3.8 3.3 2.8 2.3 1.8 1.3 0.8 VIN – VOUT (V) ILOAD = 1mA ILOAD = 10mA ILOAD = 50mA ILOAD = 100mA ILOAD = 150mA ILOAD = 200mA MAXIMUM JUNCTION TEMPERATURE Figure 54. LFCSP 500 mm2 of PCB Copper, TA = 50°C 140 120 100 80 60 40 20 0 0.3 4.8 4.3 3.8 3.3 2.8 2.3 1.8 1.3 0.8 VIN – VOUT (V) ILOAD = 1mA ILOAD = 10mA ILOAD = 50mA ILOAD = 100mA ILOAD = 150mA ILOAD = 200mA MAXIMUM JUNCTION TEMPERATURE Figure 55. LFCSP 100 mm2 of PCB Copper, TA = 50°C 140 120 100 80 60 40 20 0 0.3 4.8 4.3 3.8 3.3 2.8 2.3 1.8 1.3 0.8 VIN – VOUT (V) ILOAD = 1mA ILOAD = 10mA ILOAD = 50mA ILOAD = 100mA ILOAD = 150mA ILOAD = 200mA MAXIMUM JUNCTION TEMPERATURE Figure 56. LFCSP 50 mm2 of PCB Copper, TA = 50°C |