Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LTC2802IDE Fiches technique(PDF) 6 Page - Linear Technology

No de pièce LTC2802IDE
Description  1.8V to 5.5V RS-232 Single and Dual Transceivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

LTC2802IDE Fiches technique(HTML) 6 Page - Linear Technology

Back Button LTC2802IDE Datasheet HTML 2Page - Linear Technology LTC2802IDE Datasheet HTML 3Page - Linear Technology LTC2802IDE Datasheet HTML 4Page - Linear Technology LTC2802IDE Datasheet HTML 5Page - Linear Technology LTC2802IDE Datasheet HTML 6Page - Linear Technology LTC2802IDE Datasheet HTML 7Page - Linear Technology LTC2802IDE Datasheet HTML 8Page - Linear Technology LTC2802IDE Datasheet HTML 9Page - Linear Technology LTC2802IDE Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
LTC2801/LTC2802/
LTC2803/LTC2804

2801234fe
tyPical PerForMance characteriSticS
LTC2803 at 1.8V and 250kbps
LTC2804 at 1.8V and 1Mbps
Drivers Disabled Mode Supply
Current vs Supply Voltage
tPZLR
VL
0V
VOLR
VOHR
ROUT
PS AND MODE
GND
VL
ROUT
tPZHR
1/2 VL
tPLZR
1/2 VL
1/2 VL
2801 F05
VL
PS AND MODE
RL
CL
ROUT
–3V OR 3V
0V
tPHZR
1/2 VL
VOLR + 0.5V
VOHR – 0.5V
PS AND MODE tr, tf ≤ 40ns
Figure 5. Receiver Enable/Disable Times
Supply Current vs Supply Voltage
(Dual Transceiver)
Supply Current vs Data Rate
Supply Current vs Load
Capacitance (Dual Transceiver)
TA = 25°C, VCC = VL = 3.3V unless otherwise noted.
teSt circuitS
2801 G01
T1IN
T2OUT
T1OUT
R2OUT
R1OUT
2V/DIV
10V/DIV
2V/DIV
2µs/DIV
VCC = VL = 1.8V
WRAPPING DATA
TOUT LOAD = 1nF + RIN
ROUT LOAD = 150pF
2801 G02
T1IN
T2OUT
T1OUT
R2OUT
R1OUT
2V/DIV
10V/DIV
2V/DIV
400ns/DIV
VCC = VL = 1.8V
WRAPPING DATA
TOUT LOAD = 250pF + RIN
ROUT LOAD = 150pF
SUPPLY VOLTAGE (V)
6
3.0
2.5
2.0
1.5
1.0
0.5
0
1
2
3
4
2801 G03
5
VCC = VL
TA = 85°C
TA = 25°C
TA = –40°C
LTC2804
LTC2803
ALL DRIVERS SWITCHING
VCC = VL
RL = 3k
CL = 1nF
250kbps
20.8kbps
125kbps
SUPPLY VOLTAGE (V)
1
60
50
40
30
20
10
0
2
3
4
5
2801 G04
6
DATA RATE (kbps)
0
100
80
60
40
20
0
800
2801 G05
200
400
600
1000
ALL DRIVERS SWITCHING
VCC = VL = 1.8V
RL = 3k
LTC2804
LTC2802
1nF
1nF
250pF
250pF
250kbps
100
80
60
40
20
0
LOAD CAPACITANCE (nF)
1
5
2801 G06
2
3
4
LTC2804
LTC2803
125kbps
VCC = VL = 1.8V
RL = 3k
ALL DRIVERS SWITCHING
20.8kbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com