| Moteur de recherche de fiches techniques de composants électroniques |
|
AD7828KNZ Fiches technique(PDF) 12 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7828KNZ Fiches technique(HTML) 12 Page - Analog Devices |
|
12 / 16 page ![]() AD7824/AD7828 –12– REV. F OUTLINE DIMENSIONS 24-Lead Standard Small Outline Package [SOIC] Wide Body (R-24) Dimensions shown in millimeters and (inches) CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS (IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN COMPLIANT TO JEDEC STANDARDS MS-013AD 0.32 (0.0126) 0.23 (0.0091) 8 0 0.75 (0.0295) 0.25 (0.0098) 45 1.27 (0.0500) 0.40 (0.0157) SEATING PLANE 0.30 (0.0118) 0.10 (0.0039) 0.51 (0.020) 0.33 (0.013) 2.65 (0.1043) 2.35 (0.0925) 1.27 (0.0500) BSC 24 13 12 1 10.65 (0.4193) 10.00 (0.3937) 7.60 (0.2992) 7.40 (0.2913) 15.60 (0.6142) 15.20 (0.5984) COPLANARITY 0.10 28-Lead Standard Small Outline Package [SOIC] Wide Body (R-28) Dimensions shown in millimeters and (inches) CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS (IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN COMPLIANT TO JEDEC STANDARDS MS-013AE 0.32 (0.0126) 0.23 (0.0091) 8 0 0.75 (0.0295) 0.25 (0.0098) 45 1.27 (0.0500) 0.40 (0.0157) SEATING PLANE 0.30 (0.0118) 0.10 (0.0039) 0.51 (0.0201) 0.33 (0.0130) 2.65 (0.1043) 2.35 (0.0925) 1.27 (0.0500) BSC 28 15 14 1 18.10 (0.7126) 17.70 (0.6969) 10.65 (0.4193) 10.00 (0.3937) 7.60 (0.2992) 7.40 (0.2913) COPLANARITY 0.10 |