| Moteur de recherche de fiches techniques de composants électroniques |
|
LTC1296CCSW Fiches technique(PDF) 2 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC1296CCSW Fiches technique(HTML) 2 Page - Linear Technology |
|
2 / 28 page ![]() 2 LTC1293/LTC1294/LTC1296 129346fs TJMAX = 110°C, θJA = 150°C/ W 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 CH0 CH1 CH2 CH3 CH4 CH5 CH6 CH7 COM DGND DVCC AVCC CLK CS DOUT DIN REF + REF – AGND V – ORDER PART NUMBER A G A U A R BSOLUTEXI TI S Supply Voltage (VCC) to GND or V – ......................... 12V Negative Supply Voltage (V –) ..................... –6V to GND Voltage Analog and Reference Inputs ............................ (V –) –0.3V to V CC + 0.3V Digital Inputs ......................................... –0.3V to 12V Digital Outputs .......................... –0.3V to VCC + 0.3V Power Dissipation ............................................. 500mW Operating Temperature Range LTC1293/4/6BC, LTC1293/4/6CC, LTC1293/4/6DC ....................................... 0 °C to 70°C LTC1296BI, LTC1296CI, LTC1296DI ... –40 °C to 85°C Storage Temperature Range .................. –65 °C to 150°C Lead Temperature (Soldering, 10 sec.)................ 300 °C (Notes 1 and 2) PACKAGE/ORDER I FOR ATIO ORDER PART NUMBER LTC1293BCN LTC1293CCN LTC1293DCN LTC1293BCSW LTC1293CCSW LTC1293DCSW LTC1294BCSW LTC1294CCSW LTC1294DCSW LTC1294BCN LTC1294CCN LTC1294DCN TJMAX = 110°C, θJA = 100°C/ W (N) SW PACKAGE, 16-LEAD PLASTIC SO WIDE TJMAX = 110°C, θJA = 150°C/ W LTC1296BCSW LTC1296CCSW LTC1296DCSW LTC1296BISW LTC1296CISW LTC1296DISW LTC1296BIN LTC1296CIN LTC1296DIN LTC1296BCN LTC1296CCN LTC1296DCN TJMAX = 110°C, θJA = 100°C/ W (N) Consult factory for Industrial and Military grades. TJMAX = 110°C, θJA = 100°C/ W (N) LTC1294BCJ LTC1294CCJ LTC1294DCJ LTC1296BCJ LTC1296CCJ LTC1296DCJ TJMAX = 150°C, θJA = 80°C/ W (J) J PACKAGE, 20-LEAD CERDIP OBSOLETE PACKAGE Consider the N Package for Alternate Source TJMAX = 150°C, θJA = 80°C/ W (J) J PACKAGE, 20-LEAD CERDIP OBSOLETE PACKAGE Consider the N Package for Alternate Source TJMAX = 110°C, θJA = 150°C/ W SW PACKAGE, 20-LEAD PLASTIC SO WIDE SW PACKAGE, 20-LEAD PLASTIC SO WIDE N PACKAGE, 16-LEAD PDIP N PACKAGE, 20-LEAD PDIP N PACKAGE, 20-LEAD PDIP (Top Views) 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 CH0 CH1 CH2 CH3 CH4 CH5 COM DGND VCC CLK CS DOUT DIN VREF AGND V – 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 CH0 CH1 CH2 CH3 CH4 CH5 COM DGND VCC CLK CS DOUT DIN VREF AGND V – 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 CH0 CH1 CH2 CH3 CH4 CH5 CH6 CH7 COM DGND DVCC AVCC CLK CS DOUT DIN REF + REF – AGND V – 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 CH0 CH1 CH2 CH3 CH4 CH5 CH6 CH7 COM DGND VCC SSO CLK CS DOUT DIN REF + REF – AGND V – 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 CH0 CH1 CH2 CH3 CH4 CH5 CH6 CH7 COM DGND VCC SSO CLK CS DOUT DIN REF + REF – AGND V – |