| Moteur de recherche de fiches techniques de composants électroniques |
|
LTC1444IS Fiches technique(PDF) 2 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC1444IS Fiches technique(HTML) 2 Page - Linear Technology |
|
2 / 14 page ![]() LTC1443/LTC1444/LTC1445 2 144345fe absoluTe MaxiMuM raTings Voltage: V+ to V–, V+ to GND, GND to V– ...........12V to –0.3V IN+, IN–, HYST..................(V+ + 0.3V) to (V– – 0.3V) REF ...................................(V+ + 0.3V) to (V– – 0.3V) OUT (LTC1443) ...............(V+ + 0.3V) to (GND – 0.3V) OUT (LTC1444/LTC1445) ........(V+ + 0.3V) to (V– – 0.3V) Current: IN+, IN–, HYST ................................................. 20mA REF ................................................................... 20mA OUT .................................................................. 50mA (Note 1) 1 2 3 4 5 6 7 8 TOP VIEW S PACKAGE 16-LEAD PLASTIC SO N PACKAGE 16-LEAD PDIP 16 15 14 13 12 11 10 9 OUT B OUT A V+ IN A– IN A+ IN B– IN B+ REF OUT C OUT D GND/HYST† IN D+ IN D– IN C+ IN C– V– TJMAX = 150°C, θJA = 90°C/ W (N) TJMAX = 150°C, θJA = 150°C/ W (S) †PIN 14 IS GND FOR THE LTC1443 †PIN 14 IS HYST FOR THE LTC1444 AND LTC1445 16 15 14 13 12 11 10 9 17 1 2 3 4 5 6 7 8 OUT C OUT D GND/HYST† IN D+ IN D– IN C+ IN C– V– OUT B OUT A V+ IN A– IN A+ IN B– IN B+ REF TOP VIEW DHD16 PACKAGE 16-LEAD (5mm × 4mm) PLASTIC DFN TJMAX = 125°C, θJA = 41.7°C/ W EXPOSED PAD (PIN 17) INTERNALLY CONNECTED TO V– †PIN 14 IS GND FOR THE LTC1443 †PIN 14 IS HYST FOR THE LTC1444 AND LTC1445 pin conFiguraTion OUT Short-Circuit Duration (V+ ≤ 5.5V)........Continuous Power Dissipation.............................................. 500mW Operating Temperature Range Commercial..............................................0°C to 70°C Industrial ............................................ –40°C to 85°C Storage Temperature Range PDIP, SO............................................–65°C to 150°C DFN....................................................–65°C to 150°C Lead Temperature Range (Soldering, 10 sec) PDIP, SO...........................................................300°C |