Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LTC1294BCSW Fiches technique(PDF) 19 Page - Linear Technology

No de pièce LTC1294BCSW
Description  Single Chip 12-Bit Data Acquisition System
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

LTC1294BCSW Fiches technique(HTML) 19 Page - Linear Technology

Back Button LTC1294BCSW Datasheet HTML 15Page - Linear Technology LTC1294BCSW Datasheet HTML 16Page - Linear Technology LTC1294BCSW Datasheet HTML 17Page - Linear Technology LTC1294BCSW Datasheet HTML 18Page - Linear Technology LTC1294BCSW Datasheet HTML 19Page - Linear Technology LTC1294BCSW Datasheet HTML 20Page - Linear Technology LTC1294BCSW Datasheet HTML 21Page - Linear Technology LTC1294BCSW Datasheet HTML 22Page - Linear Technology LTC1294BCSW Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
19
LTC1293/LTC1294/LTC1296
129346fs
S
APPLICATI
I FOR ATIO
Source Resistance
The analog inputs of the LTC1293/4/6 look like a 100pF
capacitor (CIN) in series with a 500Ω resistor (RON). CIN
gets switched between (+) and (–) inputs once during each
conversion cycle. Large external source resistors and
capacitances will slow the settling of the inputs. It is
important that the overall RC time constant is short
enough to allow the analog inputs to settle completely
within the allowed time.
“+” Input Settling
The input capacitor is switched onto the “+” input during
the sample phase (tSMPL, see Figure 8). The sample period
2 1/2 CLK cycles before a conversion starts. The voltage on
the “+” input must settle completely within the sample
period. Minimizing RSOURCE+ and C1 will improve the
settling time. If large “+” input source resistance must be
used, the sample time can be increased by using a slower
CLK frequency. With the minimum possible sample time
of 2.5
µs RSOURCE+ < 1.5kΩ
Ω
Ω
Ω
Ω and C1 < 20pF will provide
adequate settling time.
“–” Input Settling
At the end of the sample phase the input capacitor switches
to the “-” input and the conversion starts (see Figure 8).
During the conversion, the “+” input voltage is effectively
“held” by the sample and hold and will not affect the
conversion result. It is critical that the “–” input voltage be
free of noise and settle completely during the first CLK
cycle of the conversion. Minimizing RSOURCE– and C2 will
improve settling time. If large “–” input source resistance
must be used the time can be extended by using a slower
CLK frequency. At the maximum CLK frequency of 1MHz,
RSOURCE– < 250Ω
Ω
Ω
Ω
Ω and C2 < 20pF will provide adequate
settling.
Input Op Amps
When driving the analog inputs with an op amp it is
important that the op amp settles within the allowed time
(see Figure 8). Again the “+” and “–” input sampling times
can be extended as described above to accommodate
slower op amps. Most op amps including the LT1006 and
LT1013 single supply op amps can be made to settle
Figure 8. “+” and “–” Input Settling Windows
DIN
CLK
START
HI-Z
LTC1293 F08
CS
1ST BIT TEST (–) INPUT MUST
SETTLE DURING THIS TIME
tSMPL
(+) INPUT MUST SETTLE DURING THIS TIME
(+) INPUT
(–) INPUT
SGL/
DIFF
MSBF
PS
DOUT
B11
SAMPLE
HOLD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com