Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LTC1293CCSW Fiches technique(PDF) 14 Page - Linear Technology

No de pièce LTC1293CCSW
Description  Single Chip 12-Bit Data Acquisition System
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

LTC1293CCSW Fiches technique(HTML) 14 Page - Linear Technology

Back Button LTC1293CCSW Datasheet HTML 10Page - Linear Technology LTC1293CCSW Datasheet HTML 11Page - Linear Technology LTC1293CCSW Datasheet HTML 12Page - Linear Technology LTC1293CCSW Datasheet HTML 13Page - Linear Technology LTC1293CCSW Datasheet HTML 14Page - Linear Technology LTC1293CCSW Datasheet HTML 15Page - Linear Technology LTC1293CCSW Datasheet HTML 16Page - Linear Technology LTC1293CCSW Datasheet HTML 17Page - Linear Technology LTC1293CCSW Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
14
LTC1293/LTC1294/LTC1296
129346fs
PART NUMBER
TYPE OF INTERFACE
Motorola
MC6805S2, S3
SPI
MC68HC11
SPI
MC68HC05
SPI
RCA
CDP68HC05
SPI
Hitachi
HD6305
SCI Synchronous
HD6301
SCI Synchronous
HD63701
SCI Synchronous
HD6303
SCI Synchronous
HD64180
SCI Synchronous
National Semiconductor
COP400 Family
MICROWIRE
†
COP800 Family
MCROWIRE/PLUS
†
NS8050U
MICROWIRE/PLUS
HPC16000 Family
MICROWIRE/PLUS
Texas Instruments
TMS7002
Serial Port
TMS7042
Serial Port
TMS70C02
Serial Port
TMS70C42
Serial Port
TMS32011*
Serial Port
TMS32020*
Serial Port
TMS370C050
SPI
S
APPLICATI
I FOR ATIO
Power Shutdown Operating Sequence
Example: Differential Inputs (CH4
+, CH5–), Unipolar Mode and MSB-First Data
all logical ones will be shifted out followed by logical
zeroes till CS goes high. Then the DOUT line will go into its
high impedance state. The LTC 1293/4/6 will remain in the
shutdown mode till the next CS cycle. There is no warm-
up or wait period required after coming out of the power
shutdown cycle so a conversion can commence after CS
goes low (see Power Shutdown Operating Sequence). The
LTC1296 has a System Shutdown Output pin (SSO) which
will go low when power shutdown is activated. The pin will
stay low till next CS cycle.
Microprocessor Interfaces
The LTC1293/4/6 can interface directly (without external
hardware) to most popular microprocessors (MPU) syn-
chronous serial formats (see Table 1). If an MPU without
a dedicated serial port is used, then three of the MPU’s
parallel port lines can be programmed to form the serial
link to the LTC1293/4/6. Included here are one serial
interface example and one example showing a parallel
port programmed to form the serial interface.
Microprocessor Interfaces
The LTC1293/4/6 can interface directly (without external
hardware) to most popular microprocessors (MPU) syn-
chronous serial formats (see Table 1). If an MPU without
a dedicated serial port is used, then three of the MPU’s
parallel port lines can be programmed to form the serial
link to the LTC1293/4/6.
* Requires external hardware
** Contact factory for interface information for processors not on this list
†
MICROWIRE and MICROWIRE/PLUS are trademarks of National
Semiconductor Corp.
Table 1. Microprocessor with Hardware Serial Interfaces Compat-
ible with the LTC1293/4/6**
DIN
LTC1293 AI06
SHUTDOWN*
REQUEST POWER SHUTDOWN
NEW CONVERSION BEGINS
PS
MSBF
UNI
SEL0
ODD/
SIGN
SEL1/
DIFF
SEL1
START
DON'T CARE
PS
UNI
SEL0
ODD/
SIGN
SEL1/
DIFF
SEL1
START
MSBF
B0
B11
•
•
•
•
•
•
•
•
•
•
HI-Z
DOUT
FILLED
WITH
ZEROES
HI-Z
CLK
CS
*STOPPING THE CLOCK WILL HELP REDUCE POWER CONSUMPTION.
CS CAN BE BROUGHT HIGH ONCE THE DIN WORD HAS BEEN CLOCKED IN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com