Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SRP1270-R68M Fiches technique(PDF) 3 Page - Bourns Electronic Solutions

No de pièce SRP1270-R68M
Description  SRP1270 Series - Shielded Power Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRP1270-R68M Fiches technique(HTML) 3 Page - Bourns Electronic Solutions

  SRP1270-R68M Datasheet HTML 1Page - Bourns Electronic Solutions SRP1270-R68M Datasheet HTML 2Page - Bourns Electronic Solutions SRP1270-R68M Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
3312 - 2 mm SMD Trimming Potentiometer
SRP1270 Series - Shielded Power Inductors
Packaging Specifications
EMBOSSED
CARRIER
EMBOSSED
CAVITY
0.10
(.004)
THICKNESS
MAX.
DIMENSIONS:
MM
(INCHES)
REV. 12/12
24.0 ± 0.5
(0.95 ± 0.020)
2.0
± 0.5
(.079
± .020)
100.0 ± 2.0
(3.94 ± .079)
330.0
(13.00)
DIA.
13.5
± 0.5
(.53
± .020)
DIA.
13.5
± 0.5
(0.53
± .020)
DIA.
1.5 ± 0.1
(0.059 ± 0.004)
0.15
(0.0006)
2.0 ± 0.1
(0.079 ± 0.004)
4.0 ± 0.1
(0.157 ± 0.004)
DIA.
DIA.
0.50 ± 0.05
(0.020 ± 0.002)
6.9 ± 0.1
(0.272 ± 0.004)
14.2 ± 0.1
(0.559 ± 0.004)
20.5 ± 0.1
(0.807 ± 0.004)
13.2 ± 0.1
(0.520 ± 0.004)
24.0 ± 0.3
(0.95 ± 0.012)
1.75 ± 0.1
(.069 ± 0.004)
2.7 ± 0.3
(.106 ± 0.012)



Html Pages

1 2 3