Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VCCPLD Fiches technique(PDF) 17 Page - Microsemi Corporation

No de pièce VCCPLD
Description  Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VCCPLD Fiches technique(HTML) 17 Page - Microsemi Corporation

Back Button VCCPLD Datasheet HTML 13Page - Microsemi Corporation VCCPLD Datasheet HTML 14Page - Microsemi Corporation VCCPLD Datasheet HTML 15Page - Microsemi Corporation VCCPLD Datasheet HTML 16Page - Microsemi Corporation VCCPLD Datasheet HTML 17Page - Microsemi Corporation VCCPLD Datasheet HTML 18Page - Microsemi Corporation VCCPLD Datasheet HTML 19Page - Microsemi Corporation VCCPLD Datasheet HTML 20Page - Microsemi Corporation VCCPLD Datasheet HTML 21Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 212 page
background image
Military ProASIC3/EL Low Power Flash FPGAs
Revision 3
2-3
Note:
HTR time is the period during which you would not expect a verify failure due to flash cell leakage.
Figure 2-1 • High-Temperature Data Retention (HTR)
Table 2-3 •
Overshoot and Undershoot Limits1
VCCI and VMV
Average VCCI–GND Overshoot or Undershoot
Duration as a Percentage of Clock Cycle2
Maximum Overshoot/
Undershoot (125°C)2
2.7 V or less
10%
0.72 V
5%
0.82 V
3 V
10%
0.72 V
5%
0.82 V
3.3 V
10%
0.69 V
5%
0.79 V
3.6 V
10%
N/A
5%
N/A
Notes:
1. The duration is allowed at one out of six clock cycles. If the overshoot/undershoot occurs at one out of two cycles, the
maximum overshoot/undershoot has to be reduced by 0.15 V.
2. This table does not provide PCI overshoot/undershoot limits.
0
10
20
30
40
50
60
70
80
90
100
110
70
85
100 105 110 115 120 125 130 135 140 145 150
Temperature (ºC)
Tj (°C)
HTR
Lifetime
(yrs)
70
102.7
85
43.8
100
20.0
105
15.6
110
12.3
115
9.7
120
7.7
125
6.2
130
5.0
135
4.0
140
3.3
145
2.7
150
2.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com