| Moteur de recherche de fiches techniques de composants électroniques |
|
ADP3309ARTZ-3.6-R71 Fiches technique(PDF) 5 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP3309ARTZ-3.6-R71 Fiches technique(HTML) 5 Page - Analog Devices |
|
5 / 12 page ![]() ADP3309 Rev. C | Page 5 of 12 PIN CONFIGURATION AND FUNCTION DESCRIPTIONS NC = NO CONNECT IN 1 SD 3 GND 2 OUT 5 ERR/NC 3 ADP3309 TOP VIEW (Not to Scale) Figure 3. Pin Configuration Table 3. Pin Function Descriptions Pin No. Mnemonic Description 1 IN Regulator Input. 2 GND Ground Pin. 3 SD Active Low Shutdown Pin. Connect to ground to disable the regulator output. When shutdown is not used, this pin should be connected to the input pin. 4 ERR/NC Open Collector. Output that goes low to indicate the output is about to go out of regulation. This pin can be left open. (NC = No Connect). 5 OUT Output of the Regulator. Fixed 2.5 V, 2.7 V, 2.85 V, 2.9 V, 3.0 V, 3.3 V, or 3.6 V output voltage. Bypass to ground with a 0.47 μF or larger capacitor. |