| Moteur de recherche de fiches techniques de composants électroniques |
|
AD7621 Fiches technique(PDF) 23 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7621 Fiches technique(HTML) 23 Page - Analog Devices |
|
23 / 28 page ![]() AD7654 Rev. B | Page 23 of 28 CS SCLK SDOUT CH A D15 BUSY SDIN INVSCLK = 0 t42 t43 t44 t38 t39 t23 t40 t41 X 12 3 30 31 32 33 34 EXT/INT = 1 CH B D0 CH B D1 CH A D13 CH A D14 XCH A D14 XCH A D15 XCH A D13 XCH A D14 XCH B D0 XCH B D1 YCH A D14 YCH A D15 RD = 0 A/B = 1 EOC XCH A D15 Figure 32. Slave Serial Data Timing for Reading (Read After Convert) CNVST SDOUT SCLK X CHAD15 12 3 31 32 t3 t42 t43 t 44 t38 t39 t23 BUSY INVSCLK = 0 CS EXT/INT = 1 CHBD0 CHBD1 CHAD13 CHAD14 RD = 0 EOC t10 t11 t13 t12 A/B= 1 Figure 33. Slave Serial Data Timing for Reading (Read Previous Conversion During Convert) |