Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VIPER37 Fiches technique(PDF) 32 Page - STMicroelectronics

No de pièce VIPER37
Description  VIPerPlus family: fixed frequency offline converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER37 Fiches technique(HTML) 32 Page - STMicroelectronics

Back Button VIPER37 Datasheet HTML 27Page - STMicroelectronics VIPER37 Datasheet HTML 28Page - STMicroelectronics VIPER37 Datasheet HTML 29Page - STMicroelectronics VIPER37 Datasheet HTML 30Page - STMicroelectronics VIPER37 Datasheet HTML 31Page - STMicroelectronics VIPER37 Datasheet HTML 32Page - STMicroelectronics VIPER37 Datasheet HTML 33Page - STMicroelectronics VIPER37 Datasheet HTML 34Page - STMicroelectronics VIPER37 Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
Package mechanical data
VIPER37
32/35
Doc ID 022218 Rev 1
9
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK
specifications, grade definitions and product status are available at: www.st.com. ECOPACK
is an ST trademark.
Table 12.
SDIP10 mechanical data
Dim.
mm
Min.
Typ.
Max.
A
5.33
A1
0.38
A2
2.92
4.95
b
0.36
0.56
b2
0.51
1.15
c
0.2
0.36
D
9.02
10.16
E
7.62
8.26
E1
6.1
7.11
E2
7.62
E3
10.92
e
1.77
L
2.92
3.81



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35