Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F050X6 Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce STM32F050X6
Description  Low- and medium-density advanced ARM™-based 32-bit MCU with up to 32 Kbytes Flash, timers, ADC and comm. interfaces
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F050X6 Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button STM32F050X6 Datasheet HTML 4Page - STMicroelectronics STM32F050X6 Datasheet HTML 5Page - STMicroelectronics STM32F050X6 Datasheet HTML 6Page - STMicroelectronics STM32F050X6 Datasheet HTML 7Page - STMicroelectronics STM32F050X6 Datasheet HTML 8Page - STMicroelectronics STM32F050X6 Datasheet HTML 9Page - STMicroelectronics STM32F050X6 Datasheet HTML 10Page - STMicroelectronics STM32F050X6 Datasheet HTML 11Page - STMicroelectronics STM32F050X6 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 97 page
background image
Introduction
STM32F050xx
8/97
Doc ID 023683 Rev 1
1
Introduction
This datasheet provides the ordering information and mechanical device characteristics of
the STM32F050x4 and STM32F050x6 microcontrollers, hereafter referred to as
STM32F050xx.
This datasheet should be read in conjunction with the STM32F0xxxx reference manual
(RM0091). The reference manual is available from the STMicroelectronics website
www.st.com.
For information on the ARM Cortex™-M0 core, please refer to the Cortex™-M0 Technical
Reference Manual, available from the www.arm.com website at the following address:
http://infocenter.arm.com/help/index.jsp?topic=/com.arm.doc.ddi0432c/index.html.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97