Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6599ATD Fiches technique(PDF) 17 Page - STMicroelectronics

No de pièce L6599ATD
Description  Improved high-voltage resonant controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6599ATD Fiches technique(HTML) 17 Page - STMicroelectronics

Back Button L6599ATD Datasheet HTML 13Page - STMicroelectronics L6599ATD Datasheet HTML 14Page - STMicroelectronics L6599ATD Datasheet HTML 15Page - STMicroelectronics L6599ATD Datasheet HTML 16Page - STMicroelectronics L6599ATD Datasheet HTML 17Page - STMicroelectronics L6599ATD Datasheet HTML 18Page - STMicroelectronics L6599ATD Datasheet HTML 19Page - STMicroelectronics L6599ATD Datasheet HTML 20Page - STMicroelectronics L6599ATD Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
L6599AT
Application information
Doc ID 15534 Rev 3
17/31
no-load consumption of this stage (0.5 1 W). There is no compliance issue because EMC
regulations on low-frequency harmonic emissions refer to nominal load, so no limit is
imposed when the converter operates with light or no load.
To do so, the L6599AT provides pin 9 (PFC_STOP): it is an open collector output, normally
open, that is asserted low when the IC is idle during burst-mode operation. This signal is
externally used for switching off the PFC controller and the pre-regulator as shown in
Figure 9
. When the L6599AT is in UVLO the pin is kept open, to let the PFC controller start
first
Figure 8.
Load-dependent operating modes: timing diagram
Figure 9.
How the L6599AT can switch off a PFC controller at light load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31