Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TP8044AH-R0117 Fiches technique(PDF) 62 Page - InnovASIC, Inc

No de pièce TP8044AH-R0117
Description  SDLC Communications Controller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INNOVASIC [InnovASIC, Inc]
Site Internet  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

TP8044AH-R0117 Fiches technique(HTML) 62 Page - InnovASIC, Inc

Back Button TP8044AH-R0117 Datasheet HTML 57Page - InnovASIC, Inc TP8044AH-R0117 Datasheet HTML 58Page - InnovASIC, Inc TP8044AH-R0117 Datasheet HTML 59Page - InnovASIC, Inc TP8044AH-R0117 Datasheet HTML 60Page - InnovASIC, Inc TP8044AH-R0117 Datasheet HTML 61Page - InnovASIC, Inc TP8044AH-R0117 Datasheet HTML 62Page - InnovASIC, Inc TP8044AH-R0117 Datasheet HTML 63Page - InnovASIC, Inc TP8044AH-R0117 Datasheet HTML 64Page - InnovASIC, Inc TP8044AH-R0117 Datasheet HTML 65Page - InnovASIC, Inc  
Zoom Inzoom in Zoom Outzoom out
 62 / 65 page
background image
IA8044/IA8344
Data Sheet
SDLC Communications Controller
March 30, 2010
IA211010112-04
http://www.Innovasic.com
UNCONTROLLED WHEN PRINTED OR COPIED
Customer Support:
Page 62 of 65
1-888-824-4184
®
9.
Errata
9.1
Summary
Table 60 presents a summary of errata in the IA8044/IA8344 controller.
Table 60. Summary of Errata
Errata
No.
Problem
Ver. 3
1
Cannot read internal ROM with EPROM verification method.
Exists
2
The device has a different pullup value than the Intel version.
Exists
3
The device responds to an idle flag one bit time too early.
Exists
4
Under certain conditions the SIU will overwrite the RCB register when starting a
transmission.
Exists
9.2
Detail
Errata No. 1
Problem:
Cannot read internal ROM with EPROM verification method.
Description:
The IA8044/IA8344 does not contain internal EPROM and therefore does not
support the EPROM read feature.
Workaround:
Must use alternate method to read internal ROM.
Errata No. 2
Problem:
The device has a different pullup value than the Intel version.
Description:
The Intel version can source more current than the IA8044/IA8344.
Workaround:
Adjust external circuits if necessary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65