Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

XS3F-M422-402-R Fiches technique(PDF) 13 Page - Omron Electronics LLC

No de pièce XS3F-M422-402-R
Description  Pin-point Beam, Adjustable Focus Point and Teach Mode for Reliable Detection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XS3F-M422-402-R Fiches technique(HTML) 13 Page - Omron Electronics LLC

Back Button XS3F-M422-402-R Datasheet HTML 9Page - Omron Electronics LLC XS3F-M422-402-R Datasheet HTML 10Page - Omron Electronics LLC XS3F-M422-402-R Datasheet HTML 11Page - Omron Electronics LLC XS3F-M422-402-R Datasheet HTML 12Page - Omron Electronics LLC XS3F-M422-402-R Datasheet HTML 13Page - Omron Electronics LLC XS3F-M422-402-R Datasheet HTML 14Page - Omron Electronics LLC XS3F-M422-402-R Datasheet HTML 15Page - Omron Electronics LLC XS3F-M422-402-R Datasheet HTML 16Page - Omron Electronics LLC XS3F-M422-402-R Datasheet HTML 17Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
E3G-L1/L3
E3G-L1/L3
14
Dimensions
Unit: mm (inch)
J
SENSORS
Preleaded Models
E3G-L11/L31
Shown with mounting bracket E39-L139 (included)
E3G-L12/L32
Two, M4
Mounting bracket can
be attached to this side.
Two, R2.2
25.4
(1.00)
18.4
(0.72)
17.5
(0.69)
Two,
3.2 dia.
Two, M3
Six,
R1.6
56.1
(2.21)
19.1
(0.75)
Operation indicator
(orange)
Distance
indicator
(green)
Threshold
indicator (red)
Two, M3
through holes
18.4
(0.72)
Two, 8-dia. lens
Emitter
Optical
axis
Receiver
Vinyl--insulated
round cable
with three
conductors
4OD (18 x
0.12 dia.)
40
(1.57)
A
B
Mounting holes
Model
E3G--L1j
E3G--L3j
14.5 (0.57)
16.0 (0.63)
A
10.35 (0.41)
B
Model
E3G-L1j
E3G-L3j
14.5 (0.57)
16.0 (0.63)
A
11.88 (0.47)
B
See table
below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17