Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ICL7660AIBA Fiches technique(PDF) 2 Page - Intersil Corporation

No de pièce ICL7660AIBA
Description  Simple Conversion of 5V Logic Supply to 짹5V Supplies
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7660AIBA Fiches technique(HTML) 2 Page - Intersil Corporation

  ICL7660AIBA Datasheet HTML 1Page - Intersil Corporation ICL7660AIBA Datasheet HTML 2Page - Intersil Corporation ICL7660AIBA Datasheet HTML 3Page - Intersil Corporation ICL7660AIBA Datasheet HTML 4Page - Intersil Corporation ICL7660AIBA Datasheet HTML 5Page - Intersil Corporation ICL7660AIBA Datasheet HTML 6Page - Intersil Corporation ICL7660AIBA Datasheet HTML 7Page - Intersil Corporation ICL7660AIBA Datasheet HTML 8Page - Intersil Corporation ICL7660AIBA Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
FN3072.7
October 10, 2005
Ordering Information
PART NUMBER
TEMP. RANGE (°C)
PACKAGE
PKG. DWG. #
ICL7660CBA*
7660CBA
0 to 70
8 Ld SOIC (N)
M8.15
ICL7660CBAZ* (See Note)
7660CBAZ
0 to 70
8 Ld SOIC (N) (Pb-free)
M8.15
ICL7660CBAZA* (See Note)
7660CBAZ
0 to 70
8 Ld SOIC (N) (Pb-free)
M8.15
ICL7660CPA
7660CPA
0 to 70
8 Ld PDIP
E8.3
ICL7660CPAZ ( See Note)
7660CPAZ
0 to 70
8 Ld PDIP** (Pb-free)
E8.3
ICL7660ACBA*
7660ACBA
0 to 70
8 Ld SOIC (N)
M8.15
ICL7660ACBAZA* (See Note)
7660ACBAZ
0 to 70
8 Ld SOIC (N) (Pb-free)
M8.15
ICL7660ACPA
7660ACPA
0 to 70
8 Ld PDIP
E8.3
ICL7660ACPAZ (See Note)
7660ACPAZ
0 to 70
8 Ld PDIP** (Pb-free)
E8.3
ICL7660AIBA*
7660AIBA
-40 to 85
8 Ld SOIC (N)
M8.15
ICL7660AIBAZA* (See Note)
7660AIBAZ
-40 to 85
8 Ld SOIC (N) (Pb-free)
M8.15
*Add “-T” suffix to part number for tape and reel packaging.
**Pb-free PDIPs can be used for through hole wave solder processing only. They are not intended for use in Reflow solder processing applications.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are
MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
ICL7660, ICL7660A



Html Pages

1 2 3 4 5 6 7 8 9 10 11