| Moteur de recherche de fiches techniques de composants électroniques |
|
SN74AS1034ADE4 Fiches technique(PDF) 6 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74AS1034ADE4 Fiches technique(HTML) 6 Page - Texas Instruments |
|
6 / 19 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 25-Sep-2013 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples 5962-88731012A ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type -55 to 125 5962- 88731012A SNJ54AS 1034AFK 5962-8873101CA ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 5962-8873101CA SNJ54AS1034AJ 5962-8873101DA ACTIVE CFP W 14 1 TBD A42 N / A for Pkg Type -55 to 125 5962-8873101DA SNJ54AS1034AW 84031012A ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type -55 to 125 84031012A SNJ54ALS 1034FK 8403101CA ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 8403101CA SNJ54ALS1034J 8403101DA ACTIVE CFP W 14 1 TBD A42 N / A for Pkg Type -55 to 125 8403101DA SNJ54ALS1034W JM38510/38411B2A ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type -55 to 125 JM38510/ 38411B2A JM38510/38411BCA ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 JM38510/ 38411BCA M38510/38411B2A ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type -55 to 125 JM38510/ 38411B2A M38510/38411BCA ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 JM38510/ 38411BCA SN54ALS1034J ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 SN54ALS1034J SN54AS1034AJ ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 SN54AS1034AJ SN74ALS1034D ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 ALS1034 SN74ALS1034DE4 ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 ALS1034 SN74ALS1034DG4 ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 ALS1034 SN74ALS1034DR ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 ALS1034 |