Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADR520B Fiches technique(PDF) 13 Page - Analog Devices

No de pièce ADR520B
Description  High Precision Shunt Mode Voltage References
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADR520B Fiches technique(HTML) 13 Page - Analog Devices

Back Button ADR520B Datasheet HTML 8Page - Analog Devices ADR520B Datasheet HTML 9Page - Analog Devices ADR520B Datasheet HTML 10Page - Analog Devices ADR520B Datasheet HTML 11Page - Analog Devices ADR520B Datasheet HTML 12Page - Analog Devices ADR520B Datasheet HTML 13Page - Analog Devices ADR520B Datasheet HTML 14Page - Analog Devices ADR520B Datasheet HTML 15Page - Analog Devices ADR520B Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ADR520/ADR525/ADR530/ADR540/ADR550
Rev. E | Page 13 of 1
6
OUTLINE DIMENSIONS
ALL DIMENSIONS COMPLIANT WITH EIAJ SC70
0.40
0.25
0.10 MAX
1.00
0.80
SEATING
PLANE
1.10
0.80
0.40
0.10
0.26
0.10
0.30
0.20
0.10
2
1
3
PIN 1
0.65 BSC
2.20
2.00
1.80
2.40
2.10
1.80
1.35
1.25
1.15
0.10 COPLANARITY
Figure 25. 3-Lead Thin Shrink Small Outline Transistor Package [SC70]
(KS-3)
Dimensions shown in millimeters
COMPLIANT TO JEDEC STANDARDS TO-236-AB
1
2
3
SEATING
PLANE
2.64
2.10
3.04
2.80
1.40
1.20
2.05
1.78
0.100
0.013
1.03
0.89
0.60
0.45
0.51
0.37
1.12
0.89
0.180
0.085
0.55
REF
Figure 26. 3-Lead Small Outline Transistor Package [SOT-23-3]
(RT-3)
Dimensions shown in millimeters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16