Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADN8831ACPZ-R2 Fiches technique(PDF) 8 Page - Analog Devices

No de pièce ADN8831ACPZ-R2
Description  Thermoelectric Cooler (TEC) Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADN8831ACPZ-R2 Fiches technique(HTML) 8 Page - Analog Devices

Back Button ADN8831ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADN8831
Data Sheet
Rev. A | Page 8 of 20
Pin No.
Mnemonic
Type
Description
30
VTEC
Analog Output
Indicates TEC Voltage.
31
VLIM
Analog Input
Sets Maximum Voltage Across TEC Module.
32
ILIMH
Analog Input
Sets TEC Heating Current Limit.
33
EP
Metal paddle at the
back of package
Exposed Pad. The LFCSP package has an exposed pad that should be connected to AGND
(Pin 12) and the associated PCB ground plate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20