| Moteur de recherche de fiches techniques de composants électroniques |
|
AD9852ASVZ Fiches technique(PDF) 16 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9852ASVZ Fiches technique(HTML) 16 Page - Analog Devices |
|
16 / 52 page ![]() AD9852 Rev. E | Page 16 of 52 TYPICAL APPLICATIONS RF/IF INPUT BASEBAND REFCLK COS AD9852 LOW-PASS FILTER Figure 25. Synthesized LO Application for the AD9852 I Q Rx RF IN DUAL 8-/10-BIT ADC DIGITAL DEMODULATOR Rx BASEBAND DIGITAL DATA OUT 8 8 I/Q MIXER AND LOW-PASS FILTER VCA ADC ENCODE ADC CLOCK FREQUENCY LOCKED TO Tx CHIP/ SYMBOL/PN RATE REFERENCE CLOCK 48 CHIP/SYMBOL/PN RATE DATA AD9852 CLOCK GENERATOR AGC Figure 26. Chip Rate Generator in Spread Spectrum Application 50 Ω BAND-PASS FILTER 50 Ω IOUT AD9852 FUNDAMENTAL FC – FO IMAGE FCLK FC + FO IMAGE BAND-PASS FILTER FC + FO IMAGE AD9852 SPECTRUM FINAL OUTPUT SPECTRUM AMPLIFIER Figure 27. Using an Aliased Image to Generate a High Frequency LOOP FILTER PHASE COMPARATOR REFERENCE CLOCK FILTER AD9852 DDS TUNING WORD REFCLK IN RF FREQUENCY OUT DAC OUT PROGRAMMABLE DIVIDE-BY-N FUNCTION (WHERE N = 248/TUNING WORD) VCO Figure 28. Programmable Fractional Divide-by-N Synthesizer |