Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CT1812S14BAUTOG Fiches technique(PDF) 13 Page - EPCOS

No de pièce CT1812S14BAUTOG
Description  Ceramic transient voltage suppressors SMD multilayer varistor, E series
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EPCOS [EPCOS]
Site Internet  http://www.epcos.com
Logo EPCOS - EPCOS

CT1812S14BAUTOG Fiches technique(HTML) 13 Page - EPCOS

Back Button CT1812S14BAUTOG Datasheet HTML 6Page - EPCOS CT1812S14BAUTOG Datasheet HTML 7Page - EPCOS CT1812S14BAUTOG Datasheet HTML 8Page - EPCOS CT1812S14BAUTOG Datasheet HTML 9Page - EPCOS CT1812S14BAUTOG Datasheet HTML 10Page - EPCOS CT1812S14BAUTOG Datasheet HTML 11Page - EPCOS CT1812S14BAUTOG Datasheet HTML 12Page - EPCOS CT1812S14BAUTOG Datasheet HTML 13Page - EPCOS CT1812S14BAUTOG Datasheet HTML 14Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Ceramic transient voltage suppressors
B72580E1140S262
SMD multilayer varistor, E series
CT1812S14BAUTOG
PPD ML PD
2012-11-07
Please read Cautions and warnings and
Page 13 of 14
Important notes at the end of this document.
EPCOS CTVS devices are not suitable for switching applications or voltage stabilization where
static power dissipation is required.
Multilayer varistors (MLVs) are designed for ESD protection and transient suppression.
CeraDiodes are designed for ESD protection only, ESD/EMI filters are designed for ESD and
EMI protection only.
This listing does not claim to be complete, but merely reflects the experience of EPCOS AG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14