Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5560JBCZ Fiches technique(PDF) 3 Page - Analog Devices

No de pièce AD5560JBCZ
Description  1.2 A Programmable Device Power Supply
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5560JBCZ Fiches technique(HTML) 3 Page - Analog Devices

  AD5560JBCZ Datasheet HTML 1Page - Analog Devices AD5560JBCZ Datasheet HTML 2Page - Analog Devices AD5560JBCZ Datasheet HTML 3Page - Analog Devices AD5560JBCZ Datasheet HTML 4Page - Analog Devices AD5560JBCZ Datasheet HTML 5Page - Analog Devices AD5560JBCZ Datasheet HTML 6Page - Analog Devices AD5560JBCZ Datasheet HTML 7Page - Analog Devices AD5560JBCZ Datasheet HTML 8Page - Analog Devices AD5560JBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 68 page
background image
Data Sheet
AD5560
Rev. D | Page 3 of 68
REVISION HISTORY
8/12—Rev. C to Rev. D
Added 72-Ball Flip-Chip BGA (Throughout)...............................1
Added Figure 7 and Table 5 (Renumbered Sequentially)..........18
Added Applications Information Section ....................................62
Updated Outline Dimensions........................................................64
Changes to Ordering Guide...........................................................65
10/10—Rev. B to Rev. C
Changes to Force Output Voltage Parameter and Load Transient
Response Parameter, Table 1............................................................5
Changes to Figure 52 ......................................................................29
Changes to Table 9 ..........................................................................32
9/09—Rev. A to Rev. B
Changes to Table 1, Measure Current and Measure Voltage
Parameters..........................................................................................6
Changes to Die Temperature Sensor and Thermal
Shutdown Section............................................................................31
Changes to Table 10 and Table 11 .................................................32
Changes to Table 18, Bit 15 ............................................................45
Changes to Table 23, Bits[15:12] ...................................................50
Changes to Table 25 ........................................................................54
12/08—Rev. 0 to Rev. A
Changes to Figure 1 ..........................................................................4
Changes to Table 1 ............................................................................4
Changes to Table 2 ..........................................................................13
Changes to Table 3 ..........................................................................15
Changes to Open-Sense Detect (OSD) Alarm and Clamp .......27
Changes to Figure 53 ......................................................................30
Change to gm Maximum Rating, Table 13..................................34
Changes to Table 19 ........................................................................46
Changes to Bit 7, Bit 8 Functions, Table 21 .................................48
Changes to Power Supply Decoupling Section ...........................59
11/08—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68