Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L151RDT6 Fiches technique(PDF) 39 Page - STMicroelectronics

No de pièce STM32L151RDT6
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 384KB Flash, 48KB SRAM, 12KB EEPROM, LCD, USB, ADC, DAC, memory I/F
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151RDT6 Fiches technique(HTML) 39 Page - STMicroelectronics

Back Button STM32L151RDT6 Datasheet HTML 35Page - STMicroelectronics STM32L151RDT6 Datasheet HTML 36Page - STMicroelectronics STM32L151RDT6 Datasheet HTML 37Page - STMicroelectronics STM32L151RDT6 Datasheet HTML 38Page - STMicroelectronics STM32L151RDT6 Datasheet HTML 39Page - STMicroelectronics STM32L151RDT6 Datasheet HTML 40Page - STMicroelectronics STM32L151RDT6 Datasheet HTML 41Page - STMicroelectronics STM32L151RDT6 Datasheet HTML 42Page - STMicroelectronics STM32L151RDT6 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 140 page
background image
STM32L151xD STM32L152xD
Pin descriptions
Doc ID 022027 Rev 6
39/140
49
K6
-
-
-
PF11
I/O FT
PF11
ADC_IN1b/COMP1_INP
50
J7
-
-
-
PF12
I/O FT
PF12
ADC_IN2b/COMP1_INP/FSMC_A6
51
E3
-
-
-
VSS_6
SVSS_6
52
H3
-
-
-
VDD_6
SVDD_6
53
K7
-
-
-
PF13
I/O FT
PF13
ADC_IN3b/COMP1_INP/FSMC_A7
54
J8
-
-
-
PF14
I/O FT
PF14
ADC_IN6b/COMP1_INP/FSMC_A8
55
J9
-
-
-
PF15
I/O FT
PF15
ADC_IN7b/COMP1_INP/FSMC_A9
56
H9
-
-
-
PG0
I/O FT
PG0
ADC_IN8b/COMP1_INP/FSMC_A10
57
G9
-
-
-
PG1
I/O FT
PG1
ADC_IN9b/COMP1_INP/FSMC_A11
58
M7 38
-
-
PE7
I/O
PE7
FSMC_D4/ADC_IN22/COMP1_INP
59
L7
39
-
-
PE8
I/O
PE8
FSMC_D5/ADC_IN23/COMP1_INP
60
M8
-
-
-
PE9
I/O
PE9
TIM2_CH1_ETR/FSMC_D6/ ADC_IN24/COMP1_INP
61
-
-
-
-
VSS_7
SVSS_7
62
-
-
-
-
VDD_7
SVDD_7
63
L8
41
-
-
PE10
I/O
PE10
TIM2_CH2/ FSMC_D7/ADC_IN25/COMP1_INP
64
M9 42
-
-
PE11
I/O FT
PE11
TIM2_CH3/FSMC_D8
65
L9
43
-
-
PE12
I/O FT
PE12
TIM2_CH4/SPI1_NSS/FSMC_D9
66 M10 44
-
-
PE13
I/O FT
PE13
SPI1_SCK/FSMC_D10
67 M11 45
-
-
PE14
I/O FT
PE14
SPI1_MISO/FSMC_D11
68 M12 46
-
-
PE15
I/O FT
PE15
SPI1_MOSI/FSMC_D12
69 L10 47 29 G3
PB10
I/O FT
PB10
TIM2_CH3/I2C2_SCL/USART3_TX/LCD_SEG10
70 L11 48 30 F3
PB11
I/O FT
PB11
TIM2_CH4/I2C2_SDA/ USART3_RX/LCD_SEG11
71 F12 49 31 H2
VSS_1
SVSS_1
72 G12 50 32 H1
VDD_1
SVDD_1
73 L12 51 33 G2
PB12
I/O FT
PB12
TIM10_CH1/I2C2_SMBA/SPI2_NSS/I2S2_WS/
USART3_CK/ LCD_SEG12/ADC_IN18/COMP1_INP
74 K12 52 34 G1
PB13
I/O FT
PB13
TIM9_CH1/SPI2_SCK/ I2S2_CK/ USART3_CTS/
LCD_SEG13/ADC_IN19/COMP1_INP
75 K11 53 35 F2
PB14
I/O FT
PB14
TIM9_CH2/SPI2_MISO/ USART3_RTS/LCD_SEG14/
ADC_IN20/COMP1_INP
76 K10 54 36 F1
PB15
I/O FT
PB15
TIM11_CH1/SPI2_MOSI/I2S2_SD/LCD_SEG15/
ADC_IN21/COMP1_INP/RTC_REFIN
77
K9
55
-
-
PD8
I/O FT
PD8
USART3_TX/LCD_SEG28/FSMC_D13
78
K8
56
-
-
PD9
I/O FT
PD9
USART3_RX/LCD_SEG29/FSMC_D14
79 J12 57
-
-
PD10
I/O FT
PD10
USART3_CK/LCD_SEG30/FSMC_D15
80 J11 58
-
-
PD11
I/O FT
PD11
USART3_CTS/LCD_SEG31/FSMC_A16
81 J10 59
-
-
PD12
I/O FT
PD12
TIM4_CH1 / USART3_RTS/LCD_SEG32/FSMC_A17
Table 9.
STM32L15xxD pin definitions (continued)
Pins
Pin name
Main
function(3)
(after reset)
Alternate functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More