| Moteur de recherche de fiches techniques de composants électroniques |
|
AD1555BPRL Fiches technique(PDF) 20 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD1555BPRL Fiches technique(HTML) 20 Page - Analog Devices |
|
20 / 24 page ![]() REV. B AD1555/AD1556 –20– RESET Operation The RESET pin initializes the AD1556 in a known state. RESET is active on the next CLKIN rising edge after the RESET input is brought high as shown in Figure 4. The reset value of each bit of the configuration and the status registers are indicated in Table V and Table VIII. The filter memories are not cleared by the reset. Filter convolutions begin on the next CLKIN rising edge after the RESET input is returned low. A RESET operation is done on power-up, independent of the RESET pin state. In multiple ADCs applications where absolute synchroniza- tion—even below the noise floor—is required, RESETD, which resets the decimator, can be tied to RESET to ensure this synchronization. Power-Down Operation The PWRDN pin puts the AD1556 in a power-down state. PWRDN is active on the next CLKIN rising edge after the PWRDN input is brought high. While in this state, MCLK is held at a fixed level and the AD1555 is therefore powered down too. The serial interface remains active allowing read and write operations of the AD1556. The configuration and status registers maintain their content during the power-down state. SYNC Operation SYNC is used to create a relationship between the analog input signal and the output samples of the AD1556. The SYNC event does two things: • It synchronizes the AD1555 clock, MCLK, to the AD1556 clock, CLKIN, as shown in Figure 3. • It clears the filter and then initiates the filter convolution. Exactly one sampling rate delay later, the DRDY pin goes high. A SYNC event occurs on the next CLKIN rising edge after the SYNC input is brought high as shown in Figure 3. The DRDY output goes high on the next falling edge of CLKIN. SYNC may be applied once or kept high, or applied synchronously at the output word rate, all with the same effect. Configuring and Interfacing the AD1556 The AD1556 configuration can be loaded either by hardware (H/ S pin high) or via the serial interface of the AD1556 (H/S pin low). To operate with the AD1556, the CLKIN clock must be kept running at the nominal frequency of 1.024 MHz. Table V gives the description of each bit of the configuration register and Table VI defines the selection of the filter bandwidth. When the software mode is selected (H/ S pin low), the configuration register is loaded using the pins DIN, SCLK, CS, and R/W. In this mode, when RESET is active, the configuration register mimics the selec- tion of the hardware pins. The AD1556 and the AD1555 can be put in power-down by software. The DRDYBUF bit controls the operating mode of the DRDY output pin. When the DRDYBUF bit is low, the DRDY is a con- ventional CMOS push-pull output buffer as shown in Figure 11. When the DRDYBUF bit is high, the DRDY output pin is an open drain PMOS pull-up as shown in Figure 11. Many DRDY pins may be connected with an external pull-down resistor in a wired OR to minimize the interconnection between the AD1556s and the microprocessor in multichannel applications. The DRDY pin is protected against bit contention. By connecting DRDY to RSEL directly, and applying 48 SCLK cycles, both data and status can be read sequentially, data register first. Table VI. Filter Bandwidth Selection BW2 BW1 BW0 Output Rate (ms) 00 0 4 00 1 2 01 0 1 01 1 1/2 10 0 1/4 10 1 1/8 11 0 1/16 11 1Reserved Table V. Configuration Register Data Bits Bit Number Name Description RESET State DB15 (MSB) X X DB14 X X DB13 X X DB12 X X DB11 PWRDN Power-Down Mode PWRDN DB10 CSEL Select TDATA Input CSEL DB9 X X DB8 BW2 Filter Bandwidth Selection BW2 DB7 BW1 Filter Bandwidth Selection BW1 DB6 BW0 Filter Bandwidth Selection BW0 DB5 DRDYBUF DRDY Output Mode 0 (Push-Pull) DB4 CB4 PGA Input Select PGA4 DB3 CB3 PGA Input Select PGA3 DB2 CB2 PGA Gain Select PGA2 DB1 CB1 PGA Gain Select PGA1 DB0 (LSB) CB0 PGA Gain Select PGA0 |