Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATAVRMC310 Fiches technique(PDF) 4 Page - ATMEL Corporation

No de pièce ATAVRMC310
Description  8-bit Microcontrollers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAVRMC310 Fiches technique(HTML) 4 Page - ATMEL Corporation

  ATAVRMC310 Datasheet HTML 1Page - ATMEL Corporation ATAVRMC310 Datasheet HTML 2Page - ATMEL Corporation ATAVRMC310 Datasheet HTML 3Page - ATMEL Corporation ATAVRMC310 Datasheet HTML 4Page - ATMEL Corporation ATAVRMC310 Datasheet HTML 5Page - ATMEL Corporation ATAVRMC310 Datasheet HTML 6Page - ATMEL Corporation ATAVRMC310 Datasheet HTML 7Page - ATMEL Corporation ATAVRMC310 Datasheet HTML 8Page - ATMEL Corporation ATAVRMC310 Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
7803A–AVR–10/08
AVR601
Figure 2-1.
Processor board placement
The MC301 supports the ATTinyx61 family of low cost AVR dedicated to motor control. It can
also handle analog, TWI or SPI speed reference for rotational speed control.
The MC303 supports the XMEGA™ family of high performance devices that can handle various
functions while the CPU handles motor control intensive algorithm. MC303 with DB101 top mod-
ule is shown on figure 6.
The MC310 board supports the ATMega32M1, a cost efficient device providing CAN and LIN
communications in automotive and industrial designs. The board includes additional connectors
for several communication interfaces:
• CAN
• LIN
• RS232



Html Pages

1 2 3 4 5 6 7 8 9