Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CLC006BM/NOPB Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce CLC006BM/NOPB
Description  CLC006 Serial Digital Cable Driver with Adjustable Outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CLC006BM/NOPB Fiches technique(HTML) 7 Page - Texas Instruments

Back Button CLC006BM/NOPB Datasheet HTML 3Page - Texas Instruments CLC006BM/NOPB Datasheet HTML 4Page - Texas Instruments CLC006BM/NOPB Datasheet HTML 5Page - Texas Instruments CLC006BM/NOPB Datasheet HTML 6Page - Texas Instruments CLC006BM/NOPB Datasheet HTML 7Page - Texas Instruments CLC006BM/NOPB Datasheet HTML 8Page - Texas Instruments CLC006BM/NOPB Datasheet HTML 9Page - Texas Instruments CLC006BM/NOPB Datasheet HTML 10Page - Texas Instruments CLC006BM/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
CLC006
8
4
3
1
5
2
R7
75:
C2
0.1 PF
R6
75:
C1
0.1 PF
J3
VR1
10k
VCC
6
7
J4
J2
VIN-
R1
154:
R4
75:
VEE
R3
154:
R5
75:
J1
VIN+
-
+
1 k:
1 k:
3.15 k:
3.4 k:
REXT-L
4
REXT-H
3
VCC
VEE
0.5 mA
VCC - 3.3V
VCC - 1.7V
VL
VH
CLC006
www.ti.com
SNLS015G – AUGUST 1998 – REVISED APRIL 2013
OUTPUT AMPLITUDE ADJUSTMENT
The high and low output levels of the CLC006 are set by a circuit shown simplified in Figure 10. Output high and
low levels may be set independently with external resistor networks connected between REXT-H (pin 3), REXT-L (pin
4) and the power supplies. The resistor networks affect the high and low output levels by changing the internally
generated bias voltages, VH and VL. The nominal high and low output levels are VCC−1.7V and VCC−3.3V,
respectively, when the pins REXT-H and REXT-L are left unconnected. Though the internal components which
determine output voltage levels have accurate ratios, their absolute values may be controlled only within about
±15% of nominal. Even so, without external adjustment, output voltages are well controlled. A final design should
accommodate the variation in externally set output voltages due to the CLC006’s part-to-part and external
component tolerances.
Output voltage swing may be reduced with the circuit shown in Figure 11. A single resistance chosen with the aid
of the graph, Figure 12, is connected between pins 3 and 4. Output voltage swing may be increased with the
circuit of Figure 13. Figure 14 is used to estimate a value for resistor R. Note that both of these circuits and the
accompanying graphs assume that the CLC006 is loaded with the standard 150
Ω. Be aware that output loading
will affect the output swing and the high and low levels. It may be necessary to empirically select resistances
used to set output levels when the D.C. loading on the CLC006 differs appreciably from 150
Ω.
Figure 10. Equivalent Bias Generation Circuit
Figure 11. Differential Input Reduced Output
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: CLC006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16