Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD74ACT574M Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce CD74ACT574M
Description  Octal D-Type Flip-Flop, 3-State
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CD74ACT574M Fiches technique(HTML) 11 Page - Texas Instruments

Back Button CD74ACT574M Datasheet HTML 7Page - Texas Instruments CD74ACT574M Datasheet HTML 8Page - Texas Instruments CD74ACT574M Datasheet HTML 9Page - Texas Instruments CD74ACT574M Datasheet HTML 10Page - Texas Instruments CD74ACT574M Datasheet HTML 11Page - Texas Instruments CD74ACT574M Datasheet HTML 12Page - Texas Instruments CD74ACT574M Datasheet HTML 13Page - Texas Instruments CD74ACT574M Datasheet HTML 14Page - Texas Instruments CD74ACT574M Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
CD74AC574M96
SOIC
DW
20
2000
330.0
24.4
10.8
13.0
2.7
12.0
24.0
Q1
CD74ACT574M96
SOIC
DW
20
2000
330.0
24.4
10.8
13.0
2.7
12.0
24.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
26-Jan-2013
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17