Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC0803LCN/NOPB Fiches technique(PDF) 39 Page - Texas Instruments

No de pièce ADC0803LCN/NOPB
Description  8-Bit muP Compatible A/D Converters
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

ADC0803LCN/NOPB Fiches technique(HTML) 39 Page - Texas Instruments

Back Button ADC0803LCN/NOPB Datasheet HTML 35Page - Texas Instruments ADC0803LCN/NOPB Datasheet HTML 36Page - Texas Instruments ADC0803LCN/NOPB Datasheet HTML 37Page - Texas Instruments ADC0803LCN/NOPB Datasheet HTML 38Page - Texas Instruments ADC0803LCN/NOPB Datasheet HTML 39Page - Texas Instruments ADC0803LCN/NOPB Datasheet HTML 40Page - Texas Instruments ADC0803LCN/NOPB Datasheet HTML 41Page - Texas Instruments ADC0803LCN/NOPB Datasheet HTML 42Page - Texas Instruments ADC0803LCN/NOPB Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
ADC0801, ADC0802
ADC0803, ADC0804, ADC0805
www.ti.com
SNOSBI1B – NOVEMBER 2009 – REVISED FEBRUARY 2013
The key to decoding circuitry is the DM74LS373, 8-bit D type flip-flop. When the Z-80 acknowledges the
interrupt, the program is vectored to a data input Z-80 subroutine. This subroutine will read a peripheral status
word from the DM74LS373 which contains the logic state of the INTR outputs of all the converters. Each
converter which initiates an interrupt will place a logic "0" in a unique bit position in the status word and the
subroutine will determine the identity of the converter and execute a data read. An identifier word (which
indicates which A/D the data came from) is stored in the next sequential memory location above the location of
the data so the program can keep track of the identity of the data entered.
Figure 64. Flow Chart for Auto-Zero Routine
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: ADC0801, ADC0802 ADC0803, ADC0804, ADC0805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48